Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA16 Datasheet(PDF) 308 Page - ATMEL Corporation

Part # ATMEGA16
Description  8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
PDF  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16 Datasheet(HTML) 308 Page - ATMEL Corporation

Back Button ATMEGA16 Datasheet HTML 304Page - ATMEL Corporation ATMEGA16 Datasheet HTML 305Page - ATMEL Corporation ATMEGA16 Datasheet HTML 306Page - ATMEL Corporation ATMEGA16 Datasheet HTML 307Page - ATMEL Corporation ATMEGA16 Datasheet HTML 308Page - ATMEL Corporation ATMEGA16 Datasheet HTML 309Page - ATMEL Corporation ATMEGA16 Datasheet HTML 310Page - ATMEL Corporation ATMEGA16 Datasheet HTML 311Page - ATMEL Corporation ATMEGA16 Datasheet HTML 312Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 315 page
background image
308
ATmega16(L)
2466E–AVR–10/02
Data Sheet Change
Log for ATmega16
This document contains a log on the changes made to the data sheet for ATmega16.
Changes from Rev.
2466B-09/01 to Rev.
2466C-03/02
All page numbers refers to this document.
1.
Updated typical EEPROM programming time, Table 1 on page 18.
2.
Updated typical start-up time in the following tables:
Table 3 on page 23, Table 5 on page 25, Table 6 on page 26, Table 8 on page 27,
Table 9 on page 27, and Table 10 on page 28.
3.
Updated Table 17 on page 40 with typical WDT Time-out.
4.
Added Some Preliminary Test Limits and Characterization Data.
Removed some of the TBD’s in the following tables and pages:
Table 15 on page 35, Table 16 on page 39, Table 116 on page 272 (table removed
in document review #D), “Electrical Characteristics” on page 285, Table 118 on
page 287, Table 120 on page 289, and Table 121 on page 291.
5.
Updated TWI Chapter.
Added the note at the end of the “Bit Rate Generator Unit” on page 172.
6.
Corrected description of ADSC bit in “ADC Control and Status Register A –
ADCSRA” on page 213.
7.
Improved description on how to do a polarity check of the ADC diff results in
“ADC Conversion Result” on page 210.
8.
Added JTAG version number for rev. H in Table 86 on page 223.
9.
Added not regarding OCDEN Fuse below Table 104 on page 255.
10. Updated Programming Figures:
Figure 127 on page 257 and Figure 136 on page 268 are updated to also reflect that
AVCC must be connected during Programming mode. Figure 131 on page 264
added to illustrate how to program the fuses.
11. Added a note regarding usage of the “PROG_PAGELOAD ($6)” on page 274
and “PROG_PAGEREAD ($7)” on page 274.
12. Removed alternative algortihm for leaving JTAG Programming mode.
See “Leaving Programming Mode” on page 282.
13. Added Calibrated RC Oscillator characterization curves in section “ATmega16
Typical Characteristics – Preliminary Data” on page 293.
14. Corrected ordering code for MLF package (16MHz) in “Ordering Information”
on page 303.
15. Corrected Table 89, “Scan Signals for the Oscillators(1)(2)(3),” on page 229.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com