Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA16 Datasheet(PDF) 305 Page - ATMEL Corporation

Part # ATMEGA16
Description  8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
PDF  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16 Datasheet(HTML) 305 Page - ATMEL Corporation

Back Button ATMEGA16 Datasheet HTML 301Page - ATMEL Corporation ATMEGA16 Datasheet HTML 302Page - ATMEL Corporation ATMEGA16 Datasheet HTML 303Page - ATMEL Corporation ATMEGA16 Datasheet HTML 304Page - ATMEL Corporation ATMEGA16 Datasheet HTML 305Page - ATMEL Corporation ATMEGA16 Datasheet HTML 306Page - ATMEL Corporation ATMEGA16 Datasheet HTML 307Page - ATMEL Corporation ATMEGA16 Datasheet HTML 308Page - ATMEL Corporation ATMEGA16 Datasheet HTML 309Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 315 page
background image
305
ATmega16(L)
2466E–AVR–10/02
40P6
52.71(2.075)
51.94(2.045)
PIN
1
13.97(0.550)
13.46(0.530)
0.38(0.015)MIN
0.56(0.022)
0.38(0.015)
REF
15.88(0.625)
15.24(0.600)
1.65(0.065)
1.27(0.050)
17.78(0.700)MAX
0.38(0.015)
0.20(0.008)
2.54(0.100)BSC
3.56(0.140)
3.05(0.120)
SEATING
PLANE
4.83(0.190)MAX
48.26(1.900) REF
0º ~ 15º
40-lead, Plastic Dual Inline
Package (PDIP), 0.600" wide
Dimension in Millimeters and (Inches)*
JEDEC STANDARD MS-011 AC
*Controlling dimension: Inches
REV. A
04/11/2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com