Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA16 Datasheet(PDF) 303 Page - ATMEL Corporation

Part # ATMEGA16
Description  8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
PDF  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16 Datasheet(HTML) 303 Page - ATMEL Corporation

Back Button ATMEGA16 Datasheet HTML 299Page - ATMEL Corporation ATMEGA16 Datasheet HTML 300Page - ATMEL Corporation ATMEGA16 Datasheet HTML 301Page - ATMEL Corporation ATMEGA16 Datasheet HTML 302Page - ATMEL Corporation ATMEGA16 Datasheet HTML 303Page - ATMEL Corporation ATMEGA16 Datasheet HTML 304Page - ATMEL Corporation ATMEGA16 Datasheet HTML 305Page - ATMEL Corporation ATMEGA16 Datasheet HTML 306Page - ATMEL Corporation ATMEGA16 Datasheet HTML 307Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 315 page
background image
303
ATmega16(L)
2466E–AVR–10/02
Ordering Information
Speed (MHz)
Power Supply
Ordering Code
Package
Operation Range
8
2.7 - 5.5V
ATmega16L-8AC
ATmega16L-8PC
ATmega16L-8MC
44A
40P6
44M1
Commercial
(0
oC to 70oC)
ATmega16L-8AI
ATmega16L-8PI
ATmega16L-8MI
44A
40P6
44M1
Industrial
(-40
oC to 85oC)
16
4.5 - 5.5V
ATmega16-16AC
ATmega16-16PC
ATmega16-16MI
44A
40P6
44M1
Commercial
(0
oC to 70oC)
ATmega16-16AI
ATmega16-16PI
ATmega16-16MC
44A
40P6
44M1
Industrial
(-40
oC to 85oC)
Package Type
44A
44-lead, Thin (1.0 mm) Plastic Gull Wing Quad Flat Package (TQFP)
40P6
40-pin, 0.600” Wide, Plastic Dual Inline Package (PDIP)
44M1
44-pad, 7 x 7 x 1.0 mm body, lead pitch 0.50 mm, Micro Lead Frame Package (MLF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com