Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA16 Datasheet(PDF) 306 Page - ATMEL Corporation

Part # ATMEGA16
Description  8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
PDF  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16 Datasheet(HTML) 306 Page - ATMEL Corporation

Back Button ATMEGA16 Datasheet HTML 302Page - ATMEL Corporation ATMEGA16 Datasheet HTML 303Page - ATMEL Corporation ATMEGA16 Datasheet HTML 304Page - ATMEL Corporation ATMEGA16 Datasheet HTML 305Page - ATMEL Corporation ATMEGA16 Datasheet HTML 306Page - ATMEL Corporation ATMEGA16 Datasheet HTML 307Page - ATMEL Corporation ATMEGA16 Datasheet HTML 308Page - ATMEL Corporation ATMEGA16 Datasheet HTML 309Page - ATMEL Corporation ATMEGA16 Datasheet HTML 310Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 315 page
background image
306
ATmega16(L)
2466E–AVR–10/02
44M1
2325 Orchard Parkway
San Jose, CA 95131
TITLE
44M1, 44-pad ,7 x 7 x 1.0 mm body, lead pitch 0.50mm
Micro lead frame package (MLF)
DRAWING NO. REV
B
R
08/29/01
44M1
E
D2
E2
L
e
b
A
A1
TOP VIEW
BOTTOM VIEW
SIDE VIEW
Marked pin#1 identifier
PIN #1 CORNER
(*Unit of Measure = mm)
COMMON DIMENSIONS
A3
SYMBOL
MIN
NOM
MAX
NOTE
E2
5.00
5.20
5.40
D2
L
0.35
0.55
0.75
b
A
5.00
5.20
5.40
0.80
0.90
1.00
0.00
0.02
0.05
0.18
0.23
0.30
0.25 REF
7.00 BSC
D
A1
E
7.00 BSC
e
0.50 BSC
A3
NOTE 1. JEDEC STANDARD MO-220, Fig 1 (Saw Singulation), VKKD-1
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com