Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7702MA/NOPB Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7702MA/NOPB
Description  Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7702MA/NOPB Datasheet(HTML) 22 Page - Texas Instruments

Back Button LMP7702MA/NOPB Datasheet HTML 18Page - Texas Instruments LMP7702MA/NOPB Datasheet HTML 19Page - Texas Instruments LMP7702MA/NOPB Datasheet HTML 20Page - Texas Instruments LMP7702MA/NOPB Datasheet HTML 21Page - Texas Instruments LMP7702MA/NOPB Datasheet HTML 22Page - Texas Instruments LMP7702MA/NOPB Datasheet HTML 23Page - Texas Instruments LMP7702MA/NOPB Datasheet HTML 24Page - Texas Instruments LMP7702MA/NOPB Datasheet HTML 25Page - Texas Instruments LMP7702MA/NOPB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
+
¨
©
§
-1
2CIN
P1,2 =
1
R1
1
R2
r
1
R1
1
R2
+
2
-
4 A0CIN
R2
-R2/R1
1 +
s
¨
©
§
+
s
2
A0
CIN R2
¨
©
§
VOUT
VIN
(s) =
A0 R1
R1 + R2
CIN
R1
R2
VOUT
+
-
+
-
VIN
+
-
VOUT
VIN
R2
R1
AV = -
= -
CF
LMP7701, LMP7702, LMP7704
SNOSAI9I – SEPTEMBER 2005 – REVISED NOVEMBER 2015
www.ti.com
Feature Description (continued)
Figure 41. Isolating Capacitive Load
8.3.2 Input Capacitance
CMOS input stages inherently have low input bias current and higher input referred voltage noise. The LMP770x
enhance this performance by having the low input bias current of only ±200 fA, as well as, a very low input
referred voltage noise of 9 nV/
√Hz. To achieve this a larger input stage has been used. This larger input stage
increases the input capacitance of the LMP770x. The typical value of this input capacitance, CIN, for the
LMP770x is 25 pF. The input capacitance will interact with other impedances such as gain and feedback
resistors, which are seen on the inputs of the amplifier, to form a pole. This pole will have little or no effect on the
output of the amplifier at low frequencies and DC conditions, but will play a bigger role as the frequency
increases. At higher frequencies, the presence of this pole will decrease phase margin and will also cause gain
peaking. To compensate for the input capacitance, care must be taken in choosing the feedback resistors. In
addition to being selective in picking values for the feedback resistor, a capacitor can be added to the feedback
path to increase stability.
The DC gain of the circuit shown in Figure 42 is simply –R2/R1.
Figure 42. Compensating for Input Capacitance
For the time being, ignore CF. The AC gain of the circuit in Figure 42 can be calculated as follows:
(1)
This equation is rearranged to find the location of the two poles:
(2)
22
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: LMP7701 LMP7702 LMP7704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com