Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7702MA/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7702MA/NOPB
Description  Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7702MA/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMP7702MA/NOPB Datasheet HTML 6Page - Texas Instruments LMP7702MA/NOPB Datasheet HTML 7Page - Texas Instruments LMP7702MA/NOPB Datasheet HTML 8Page - Texas Instruments LMP7702MA/NOPB Datasheet HTML 9Page - Texas Instruments LMP7702MA/NOPB Datasheet HTML 10Page - Texas Instruments LMP7702MA/NOPB Datasheet HTML 11Page - Texas Instruments LMP7702MA/NOPB Datasheet HTML 12Page - Texas Instruments LMP7702MA/NOPB Datasheet HTML 13Page - Texas Instruments LMP7702MA/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
LMP7701, LMP7702, LMP7704
SNOSAI9I – SEPTEMBER 2005 – REVISED NOVEMBER 2015
www.ti.com
Electrical Characteristics 5-V (continued)
Unless otherwise specified, all limits are ensured for TA = 25°C, V
+ = 5 V, V− = 0 V, V
CM = V
+/2, and R
L > 10 kΩ to V
+/2.(1)
PARAMETER
TEST CONDITIONS
MIN (2)
TYP (3) MAX (2)
UNIT
60
110
RL = 2 kΩ to V
+/2
at the temperature
LMP7701
130
extremes
60
120
RL = 2 kΩ to V
+/2
at the temperature
LMP7702/LMP7704
200
extremes
mV
Output Voltage Swing High
from V+
40
50
RL = 10 kΩ to V
+/2
at the temperature
LMP7701
70
extremes
40
60
RL = 10 kΩ to V
+/2
at the temperature
LMP7702/LMP7704
120
extremes
VOUT
50
80
RL = 2 kΩ to V
+/2
at the temperature
LMP7701
90
extremes
50
120
RL = 2 kΩ to V
+/2
at the temperature
LMP7702/LMP7704
190
extremes
Output Voltage Swing Low
mV
30
40
RL = 10 kΩ to V
+/2
at the temperature
LMP7701
50
extremes
30
50
RL = 10 kΩ to V
+/2
at the temperature
LMP7702/LMP7704
100
extremes
40
66
Sourcing VO = V
+/2
at the temperature
VIN = 100 mV (LMP7701)
28
extremes
38
66
Sourcing VO = V
+/2
VIN = 100 mV
at the temperature
25
(LMP7702/LMP7704)
extremes
IOUT
Output Current (6) (7)
mA
40
76
Sinking VO = V
+/2
at the temperature
VIN = −100 mV (LMP7701)
28
extremes
40
76
Sinking VO = V
+/2
VIN = −100 mV
at the temperature
23
(LMP7702/LMP7704)
extremes
0.715
1
LMP7701
at the temperature
1.2
extremes
1.5
1.9
IS
Supply Current
LMP7702
mA
at the temperature
2.2
extremes
2.9
3.7
LMP7704
at the temperature
4.6
extremes
AV = +1, VO = 4 VPP
SR
Slew Rate (8)
1
V/
μs
10% to 90%
GBW
Gain Bandwidth
2.5
MHz
(6)
The maximum power dissipation is a function of TJ(MAX), θJA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(MAX) – TA)/ θJA. All numbers apply for packages soldered directly onto a PC Board.
(7)
The short circuit test is a momentary test.
(8)
The number specified is the slower of positive and negative slew rates.
10
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: LMP7701 LMP7702 LMP7704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com