Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7702MA/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7702MA/NOPB
Description  Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7702MA/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LMP7702MA/NOPB Datasheet HTML 1Page - Texas Instruments LMP7702MA/NOPB Datasheet HTML 2Page - Texas Instruments LMP7702MA/NOPB Datasheet HTML 3Page - Texas Instruments LMP7702MA/NOPB Datasheet HTML 4Page - Texas Instruments LMP7702MA/NOPB Datasheet HTML 5Page - Texas Instruments LMP7702MA/NOPB Datasheet HTML 6Page - Texas Instruments LMP7702MA/NOPB Datasheet HTML 7Page - Texas Instruments LMP7702MA/NOPB Datasheet HTML 8Page - Texas Instruments LMP7702MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
LMP7701, LMP7702, LMP7704
www.ti.com
SNOSAI9I – SEPTEMBER 2005 – REVISED NOVEMBER 2015
Pin Functions - LMP7704
PIN
I/O
DESCRIPTION
NAME
SOIC, TSSOP
IN+
—
I
Noninverting Input
IN–
—
I
Inverting Input
IN A +
3
I
Noninverting Input for Amplifier A
IN A–
2
I
Inverting Input for Amplifier A
IN B+
5
I
Noninverting Input for Amplifier B
IN B–
6
I
Inverting Input for Amplifier B
IN C+
10
I
Noninverting Input for Amplifier C
IN C–
9
I
Inverting Input for Amplifier C
IN D+
12
I
Noninverting Input for Amplifier D
IN D–
13
I
Inverting Input for Amplifier D
NC
—
—
No connection
OUT
—
O
Output
OUT A
1
O
Output for Amplifier A
OUT B
7
O
Output for Amplifier B
OUT C
8
O
Output for Amplifier C
OUT D
14
O
Output for Amplifier D
V+
4
P
Positive Supply
V–
11
P
Negative Supply
7 Specifications
7.1 Absolute Maximum Ratings
See
(1) (2)
MIN
MAX
UNIT
VIN differential
±300
mV
Supply voltage (VS = V
+ – V−)
13.2
V
Voltage at input/output pins
V++ 0.3, V−
− 0.3
V
Input current
10
mA
Junction temperature (3)
+150
°C
Infrared or convection (20 sec)
235
°C
Soldering information
Wave soldering lead temp. (10 sec)
260
°C
Storage temperature, Tstg
−65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions . Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, contact the TI Sales Office/ Distributors for availability and specifications.
(3)
The maximum power dissipation is a function of TJ(MAX), θJA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(MAX) – TA)/ θJA. All numbers apply for packages soldered directly onto a PC Board.
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)(2)
±2000
Electrostatic
V(ESD)
Charged-device model (CDM), per JEDEC specification JESD22-C101(3)
±1000
V
discharge
Machine Model (MM)
±200
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
Human Body Model, applicable std. MIL-STD-883, Method 3015.7. Machine Model, applicable std. JESD22-A115-A (ESD MM std. of
JEDEC) Field-Induced Charge-Device Model, applicable std. JESD22-C101-C (ESD FICDM std. of JEDEC).
(3)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMP7701 LMP7702 LMP7704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com