Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7702MA/NOPB Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7702MA/NOPB
Description  Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7702MA/NOPB Datasheet(HTML) 31 Page - Texas Instruments

Back Button LMP7702MA/NOPB Datasheet HTML 27Page - Texas Instruments LMP7702MA/NOPB Datasheet HTML 28Page - Texas Instruments LMP7702MA/NOPB Datasheet HTML 29Page - Texas Instruments LMP7702MA/NOPB Datasheet HTML 30Page - Texas Instruments LMP7702MA/NOPB Datasheet HTML 31Page - Texas Instruments LMP7702MA/NOPB Datasheet HTML 32Page - Texas Instruments LMP7702MA/NOPB Datasheet HTML 33Page - Texas Instruments LMP7702MA/NOPB Datasheet HTML 34Page - Texas Instruments LMP7702MA/NOPB Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
+3.3V
+3
.3V
GND
+3.3V
1
+3.3V
2
+3.3V
1
V+
2
V+
3
V+
2
GND
1
VOUT
2
GND
5
+3.3V
+3.3V
+3.3V
VOUT
4
V–
1
GND
GND
1
GND
2
VOUT
2
VOUT
1
V–
1
V–
2
V–
GND
G
N
D
V+
LMP7701, LMP7702, LMP7704
www.ti.com
SNOSAI9I – SEPTEMBER 2005 – REVISED NOVEMBER 2015
11 Layout
11.1 Layout Guidelines
Take care to minimize the loop area formed by the bypass capacitor connection between supply pins and
ground. A ground plane underneath the device is recommended; any bypass components to ground should have
a nearby via to the ground plane. The optimum bypass capacitor placement is closest to the corresponding
supply pin. Use of thicker traces from the bypass capacitors to the corresponding supply pins will lower the
power supply inductance and provide a more stable power supply.
The feedback components should be placed as close to the device as possible to minimize stray parasitics.
11.2 Layout Example
Figure 53. LMP7701 Example Layout
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: LMP7701 LMP7702 LMP7704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com