Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7702MA/NOPB Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7702MA/NOPB
Description  Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7702MA/NOPB Datasheet(HTML) 27 Page - Texas Instruments

Back Button LMP7702MA/NOPB Datasheet HTML 23Page - Texas Instruments LMP7702MA/NOPB Datasheet HTML 24Page - Texas Instruments LMP7702MA/NOPB Datasheet HTML 25Page - Texas Instruments LMP7702MA/NOPB Datasheet HTML 26Page - Texas Instruments LMP7702MA/NOPB Datasheet HTML 27Page - Texas Instruments LMP7702MA/NOPB Datasheet HTML 28Page - Texas Instruments LMP7702MA/NOPB Datasheet HTML 29Page - Texas Instruments LMP7702MA/NOPB Datasheet HTML 30Page - Texas Instruments LMP7702MA/NOPB Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
A1
V
+
1
LM35
V
+
pH ELECTRODE
pH ELECTRODE TEMPERATURE
R3
10 k:
R4
10 k:
+
-
A2
V
+
R1
10 k:
R2
10 k:
V
-
V
-
+
-
ADC12034
0.01 PF
0.1 PF
10 PF
VD
+
CH0
CH1
VREF-
VREF+
DGND
0.01 PF
10 PF
AGND
VOUT
VA
+
V
+
V
+
LM4140A
6
2
1,4,7,8
3
R5
10 k:
R6
3.3 k:
VOFFSET = 0.5012V
0.1 PF
RT
-V
+
1 PF
75:
10
1k
100k
10M
RS (:)
0.1
1
10
1000
1M
10k
100
100
eni
en
ei
et
LMP7701, LMP7702, LMP7704
www.ti.com
SNOSAI9I – SEPTEMBER 2005 – REVISED NOVEMBER 2015
Application Information (continued)
The input current noise of the LMP770x is so low that it will not become the dominant factor in the total noise
unless source resistance exceeds 300 M
Ω, which is an unrealistically high value.
As is evident in Figure 48, at lower RS values, total noise is dominated by the amplifier's input voltage noise.
Once RS is larger than a few kilo-Ohms, then the dominant noise factor becomes the thermal noise of RS. As
mentioned before, the current noise will not be the dominant noise factor for any practical application.
Figure 48. Total Input Noise
9.2 Typical Application
Figure 49. pH Measurement Circuit
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: LMP7701 LMP7702 LMP7704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com