Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF3012 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # REF3012
Description  CMOS Voltage Reference
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3012 Datasheet(HTML) 6 Page - Texas Instruments

Back Button REF3012 Datasheet HTML 2Page - Texas Instruments REF3012 Datasheet HTML 3Page - Texas Instruments REF3012 Datasheet HTML 4Page - Texas Instruments REF3012 Datasheet HTML 5Page - Texas Instruments REF3012 Datasheet HTML 6Page - Texas Instruments REF3012 Datasheet HTML 7Page - Texas Instruments REF3012 Datasheet HTML 8Page - Texas Instruments REF3012 Datasheet HTML 9Page - Texas Instruments REF3012 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
REF3012, REF3020, REF3025, REF3030, REF3033, REF3040
SBVS032G – MARCH 2002 – REVISED NOVEMBER 2015
www.ti.com
Electrical Characteristics (continued)
at TA = 25°C, VIN = 5 V, and ILOAD = 0 mA (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REF33xx (REF3312, REF3318, REF3320, REF3325, REF3330, REF3333)
0°C
≤ TA ≤ 70°C
20
50
–30°C
≤ TA ≤ +85°C
28
60
dVOUT/dT
Output voltage temperature drift(2)
ppm/°C
–40°C
≤ TA ≤ +85°C
30
65
–40°C
≤ TA ≤ +125°C
35
75
0000h to 1000h
24
Long-term stability
ppm
1000h to 2000h
15
0 mA < ILOAD < 25 mA, VIN = VREF +
ΔVO(ΔIL)
Load regulation(3)
µV/mA
500 mV(1)
dT
Thermal hysteresis(4)
25
100
ppm
VIN – VOUT
Dropout voltage
1
50
mV
ISC
Short-circuit current
45
mA
Turn-on settling time
To 0.1% with CL = 1 μF
ms
POWER SUPPLY
42
50
IQ
Quiescent current
μA
–40°C
≤ TA ≤ +125°C
59
(2)
Box method used to determine over temperature drift.
(3)
Typical value of load regulation reflects measurements using a force and sense contacts; see Load Regulation section.
(4)
Thermal hysteresis procedure explained in more detail in Thermal Hysteresis section.
6
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: REF3012 REF3020 REF3025 REF3030 REF3033 REF3040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com