Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF3012 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # REF3012
Description  CMOS Voltage Reference
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3012 Datasheet(HTML) 11 Page - Texas Instruments

Back Button REF3012 Datasheet HTML 7Page - Texas Instruments REF3012 Datasheet HTML 8Page - Texas Instruments REF3012 Datasheet HTML 9Page - Texas Instruments REF3012 Datasheet HTML 10Page - Texas Instruments REF3012 Datasheet HTML 11Page - Texas Instruments REF3012 Datasheet HTML 12Page - Texas Instruments REF3012 Datasheet HTML 13Page - Texas Instruments REF3012 Datasheet HTML 14Page - Texas Instruments REF3012 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
42.5
42.0
41.5
41.0
40.5
40.0
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
V
(V)
IN
R
1
Q
2
Q
1
+
Vbe
1
+
Vbe
2
REF3012, REF3020, REF3025, REF3030, REF3033, REF3040
www.ti.com
SBVS032G – MARCH 2002 – REVISED NOVEMBER 2015
8 Detailed Description
8.1 Overview
The REF30xx is a series, CMOS, precision bandgap voltage reference. Its basic topology is shown in the
Functional Block Diagram section. Transistors Q1 and Q2 are biased so that the current density of Q1 is greater
than that of Q2. The difference of the two base-emitter voltages, Vbe1 – Vbe2, has a positive temperature
coefficient and is forced across resistor R1. This voltage is gained up and added to the base-emitter voltage of
Q2, which has a negative coefficient. The resulting output voltage is virtually independent of temperature. The
curvature of the bandgap voltage, as shown in Figure 3, is due to the slightly nonlinear temperature coefficient of
the base-emitter voltage of Q2.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Supply Voltage
The REF30xx family of references features an extremely low dropout voltage. With the exception of the
REF3012, which has a minimum supply requirement of 1.8 V, the REF30xx can be operated with a supply of
only 1 mV above the output voltage in an unloaded condition. For loaded conditions, a typical dropout voltage
versus load is shown on the front page.
The REF30xx features a low quiescent current that is extremely stable over changes in both temperature and
supply. The typical room temperature quiescent current is 42
μA, and the maximum quiescent current over
temperature is just 59
μA. Additionally, the quiescent current typically changes less than 2.5 μA over the entire
supply range, as shown in Figure 24.
Supply voltages below the specified levels can cause the REF30xx to momentarily draw currents greater than
the typical quiescent current. Use a power supply with a fast rising edge and low output impedance to easily
prevent this issue.
Figure 24. Supply Current vs Supply Voltage
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: REF3012 REF3020 REF3025 REF3030 REF3033 REF3040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com