Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF3012 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # REF3012
Description  CMOS Voltage Reference
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3012 Datasheet(HTML) 13 Page - Texas Instruments

Back Button REF3012 Datasheet HTML 9Page - Texas Instruments REF3012 Datasheet HTML 10Page - Texas Instruments REF3012 Datasheet HTML 11Page - Texas Instruments REF3012 Datasheet HTML 12Page - Texas Instruments REF3012 Datasheet HTML 13Page - Texas Instruments REF3012 Datasheet HTML 14Page - Texas Instruments REF3012 Datasheet HTML 15Page - Texas Instruments REF3012 Datasheet HTML 16Page - Texas Instruments REF3012 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
5
ADS7822
V
CC
CS
D
OUT
DCLOCK
V
REF
+In
–In
GND
+
+
1 F to 10 F
1 F to
10 F
3.3 V
0.1 F
V
IN
V+
V
S
Microcontroller
REF3033
GND
OPA703
REF3025
+5 V
-5 V
+5V
10 kW
10 kW
+2.5 V
-2.5 V
REF3012, REF3020, REF3025, REF3030, REF3033, REF3040
www.ti.com
SBVS032G – MARCH 2002 – REVISED NOVEMBER 2015
8.4 Device Functional Modes
8.4.1 Negative Reference Voltage
For applications requiring a negative and positive reference voltage, the OPA703 and REF30xx can be used to
provide a dual supply reference from a ±5-V supply. Figure 26 shows the REF3025 used to provide a ±2.5-V
supply reference voltage. The low offset voltage and low drift of the OPA703 complement the low drift
performance of the REF30xx to provide an accurate solution for split-supply applications.
Figure 26. REF3025 Combined With OPA703 to Create Positive and Negative Reference Voltages.
8.4.2 Data Acquisition
Often data acquisition systems require stable voltage references to maintain necessary accuracy. The REF30xx
family features stability and a wide range of voltages suitable for most microcontrollers and data converters.
Figure 27 and Figure 28 show two basic data acquisition systems.
Figure 27. Basic Data Acquisition System 1
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: REF3012 REF3020 REF3025 REF3030 REF3033 REF3040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com