Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF3012 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # REF3012
Description  CMOS Voltage Reference
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3012 Datasheet(HTML) 7 Page - Texas Instruments

Back Button REF3012 Datasheet HTML 3Page - Texas Instruments REF3012 Datasheet HTML 4Page - Texas Instruments REF3012 Datasheet HTML 5Page - Texas Instruments REF3012 Datasheet HTML 6Page - Texas Instruments REF3012 Datasheet HTML 7Page - Texas Instruments REF3012 Datasheet HTML 8Page - Texas Instruments REF3012 Datasheet HTML 9Page - Texas Instruments REF3012 Datasheet HTML 10Page - Texas Instruments REF3012 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
6
5
4
3
2
1
0
Temperature (°C)
-40
-20
0
20
60
40
80
100
120
140
60
50
40
30
20
10
0
Temperature (°C)
-40
-20
0
20
60
40
80
100
120
140
2.502
2.500
2.498
2.496
2.494
2.492
2.490
-40
-20
0
20
60
40
80
100
120
140
Temperature (°C)
35
30
25
20
15
10
5
-40
-20
0
20
60
40
80
100
120
140
Temperature (°C)
50
45
40
35
30
25
20
15
10
5
0
5
10 15
20
25 30
40
35
45
50 55
65
60
Drift (ppm/°C)
100
90
80
70
60
50
40
30
20
10
0
5
10 15
20
25 30
40
35
45
50 55
65
60
Drift (ppm/°C)
REF3012, REF3020, REF3025, REF3030, REF3033, REF3040
www.ti.com
SBVS032G – MARCH 2002 – REVISED NOVEMBER 2015
7.6 Typical Characteristics
at TA = 25°C, VIN = 5 V, and REF3025 used for typical characteristics (unless otherwise noted)
0°C to 70°C
–40°C to +125°C
Figure 1. Temperature Drift
Figure 2. Temperature Drift
Figure 3. Output Voltage vs Temperature
Figure 4. Maximum Load Current vs Temperature
Figure 5. Load Regulation vs Temperature
Figure 6. Quiescent Current vs Temperature
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: REF3012 REF3020 REF3025 REF3030 REF3033 REF3040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com