Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF3012 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # REF3012
Description  CMOS Voltage Reference
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3012 Datasheet(HTML) 15 Page - Texas Instruments

Back Button REF3012 Datasheet HTML 11Page - Texas Instruments REF3012 Datasheet HTML 12Page - Texas Instruments REF3012 Datasheet HTML 13Page - Texas Instruments REF3012 Datasheet HTML 14Page - Texas Instruments REF3012 Datasheet HTML 15Page - Texas Instruments REF3012 Datasheet HTML 16Page - Texas Instruments REF3012 Datasheet HTML 17Page - Texas Instruments REF3012 Datasheet HTML 18Page - Texas Instruments REF3012 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
+
+
±
+
±
IN OUT
REF3012
IN
OUT
REF3030
3.3 V
R2
R1
1.25 V
20 k
R3
3.0 V
VOUT
20 k
OPA317
100 k
10 k
3.0 V
1.25 V
3.3 V
IN+
IN±
SD_16
J1.2/A1+
J1.3/A1±
J1.5/VREF
0.625 V
C2
47 µF
R6
47 k
R7
47 k
VIN
±5 V
R4
A-ADC
R5
3.0 V
MSP430F2013
Launchpad
100 k
1
3
REF30xx
2
0.47
F
m
V
IN
V
OUT
REF3012, REF3020, REF3025, REF3030, REF3033, REF3040
www.ti.com
SBVS032G – MARCH 2002 – REVISED NOVEMBER 2015
9 Application and Implementation
9.1 Application Information
For normal operation, the REF30xx does not require a capacitor on the output. If a capacitive load is connected,
take special care when using low equivalent series resistance (ESR) capacitors and high capacitance. This
precaution is especially true for low-output voltage devices; therefore, for the REF3012 use a low-ESR
capacitance of 10
μF or less. Figure 29 shows the typical connections required for operation of the REF30xx. A
supply bypass capacitor of 0.47
μF is always recommended.
Figure 29. Typical Connections for Operating REF30xx
9.2 Typical Application
Figure 30 shows a low-power reference and conditioning circuit. This circuit attenuates and level-shifts a bipolar
input voltage within the proper input range of a single-supply low power 16-Bit
ΔΣ ADC, such as the one inside
the MSP430 or other similar single-supply ADCs. Precision reference circuits are used to level-shift the input
signal, provide the ADC reference voltage and to create a well-regulated supply voltage for the low-power analog
circuitry. A low-power, zero-drift, op-amp circuit is used to attenuate and level-shift the input signal.
Figure 30. Low-Power Reference and Bipolar Voltage Conditioning Circuit for Low-Power ADCs
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: REF3012 REF3020 REF3025 REF3030 REF3033 REF3040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com