Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3833 Datasheet(PDF) 7 Page - ams AG

Part # AS3833
Description  6 channel high-precision LED cont rol ler for 3D-LCD backl ight with integrated step-up cont rol ler
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3833 Datasheet(HTML) 7 Page - ams AG

Back Button AS3833 Datasheet HTML 3Page - ams AG AS3833 Datasheet HTML 4Page - ams AG AS3833 Datasheet HTML 5Page - ams AG AS3833 Datasheet HTML 6Page - ams AG AS3833 Datasheet HTML 7Page - ams AG AS3833 Datasheet HTML 8Page - ams AG AS3833 Datasheet HTML 9Page - ams AG AS3833 Datasheet HTML 10Page - ams AG AS3833 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Revision 1.8
6 - 20
AS3833
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
VDDH = 24V, all voltages referenced to VSS, Typical values are at TA = +25°C (unless otherwise specified). All limits are guaranteed. The
parameters with min. and max values are guaranteed with production tests or SQC (Statistical Quality Control) methods.
Table 3. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
General
TA
Operating Temperature Range
apply proper cooling to stay below maximum
allowed TJ.
-20
+85
°C
TJ
Operating Junction Temperature
-20
+115
°C
Power supply
VDDH
Supply Voltage
+12
+50
V
VDDM
Driver supply voltage regulator output
+9
V
VDDL
3V voltage regulator output
+3.3
V
IDD
Operating Current Consumption
UVLO=2V, PWM1=0, Rset=6k
Ω, Vth=0.47V
4.6
5.0
5.6
mA
IDDQ
Quiescent Current Consumption
UVLO=0V, PWM1=0, Rset=6k
Ω, Vth=0.47V
2.25
2.50
2.75
mA
Current sink parameters
ILED_100
Trimmed current accuracy
ILED=100mA, Tj = 25°C
excluding error of Rset
-0.8
+0.8
%
ILED_ALL
current accuracy
ILED=50
1
to 250mA, BJT
β>50
Tj = -20 to +115°C
-1.5
+1.5
%
ICH_100
Channel to channel accuracy
ILED=100mA, Tj = 25°C
-0.6
+0.6
%
VIsetX
Reference Voltage at pins Iset
+1.18
+1.20
+1.22
V
Ratio
Ratio = ILED/Iset
500
IBX
Base output current limit
5.5
7.5
mA
Short detection comparator
ACCshort
Over-Temperature protection accuracy
Accuracy of Vbe comparison with VTH level
-10
+10
mV
Power supply regulation
Bth
BJT beta threshold
45
48
52
Boost controller oscillator
fosc
Oscillator frequency
220
250
280
kHz
Boost controller PWM
DMAX
Maximum duty cycle
85
87
89
%
Boost controller error amplifier
VFB
Reference Voltage at pin FB
+1.23
+1.25
+1.27
V
AV
Voltage gain
80
dB
BW
Bandwidth
AV = 0dB
2
MHz
IFB_in
Voltage sense input current
pins FB
0.1
0.2
µ A
Icomp_out
Compensation output current
pins COMP, Vcomp = 1V
10
µ A
Boost controller over current protection
VSENSE
Current sense threshold
pin SENSE
+600
+800
+1000
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com