Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3833 Datasheet(PDF) 5 Page - ams AG

Part # AS3833
Description  6 channel high-precision LED cont rol ler for 3D-LCD backl ight with integrated step-up cont rol ler
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3833 Datasheet(HTML) 5 Page - ams AG

  AS3833 Datasheet HTML 1Page - ams AG AS3833 Datasheet HTML 2Page - ams AG AS3833 Datasheet HTML 3Page - ams AG AS3833 Datasheet HTML 4Page - ams AG AS3833 Datasheet HTML 5Page - ams AG AS3833 Datasheet HTML 6Page - ams AG AS3833 Datasheet HTML 7Page - ams AG AS3833 Datasheet HTML 8Page - ams AG AS3833 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Revision 1.8
4 - 20
AS3833
Datasheet - P i n A s s i g n m e n t s ( To p V i e w )
4.1 Pin Descriptions
A_I/O...Analog pin, P...Power pin, DO...digital output, DO_OD...digital output open drain, DI...digital input,
DI_PU...digital input with pullup resistor, DI_PD...digital input with pull down resistor
Table 1. Pin Descriptions
Pin
Number
AS3833
TQFP-32
Pin
Number
AS3833
SOIC-28
Pin Name
Pin Type
Description
29
1
VSS
P
Analog Ground
30
2
B4
A_I/O
Base 4. Connect to base of external transistor.
31
3
E4
A_I/O
Emitter 4. Connect to emitter of external transistor.
1
4
xFAULT
DO_OD
Fault output. Active low.
2
5
ISET
A_I/O
Current setting. Connect current setting resistor.
3
6
UVLO
A_I/O
Undervoltage lockout input.
4
7
COMP
A_I/O
Compensation network. Connect compensation network.
5
8
SENSE
A_I/O
Current sense input. Provide a short, direct PCB path between
this pin and the positive side of the current sense resistor.
6
9
FB
A_I/O
Output voltage feedback input. Input for voltage divider.
Connect voltage divider output as short as possible to this pin
7
10
VDDL
A_I/O
Voltage regulator output 3.3V. Connect 2.2µ F decoupling capacitor to GND
8
11
GATE
A_I/O
Gate driver output.
10
12
PGND
P
Power Ground
11
13
VDDM
P
Voltage regulator output. Connect 2.2µ F decoupling capacitor to GND
12
14
VDDH
P
Supply voltage. Connect 1µ F decoupling capacitor to GND
14
15
VDDH_HC
P
Voltage regulator Input. Connect 2.2µ F decoupling capacitor to GND
15
16
VTH
A_I/O
Reference input for overtemperature detection.
16
17
PWM1
DI_PD
PWM input 1. PWM input for channel 1
17
18
E6
A_I/O
Emitter 6. Connect to emitter of external transistor.
18
19
B6
A_I/O
Base 6. Connect to base of external transistor.
19
20
B5
A_I/O
Base 5. Connect to base of external transistor.
20
21
E5
A_I/O
Emitter 5. Connect to emitter of external transistor.
21
22
VSS
P
Analog Ground
22
23
E2
A_I/O
Emitter 2. Connect to emitter of external transistor.
23
24
B2
A_I/O
Base 2. Connect to base of external transistor.
24
25
B1
A_I/O
Base 1. Connect to base of external transistor.
25
26
E1
A_I/O
Emitter 1. Connect to emitter of external transistor.
26
27
E3
A_I/O
Emitter 3. Connect to emitter of external transistor.
27
28
B3
A_I/O
Base 3. Connect to base of external transistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com