Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3833 Datasheet(PDF) 11 Page - ams AG

Part # AS3833
Description  6 channel high-precision LED cont rol ler for 3D-LCD backl ight with integrated step-up cont rol ler
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3833 Datasheet(HTML) 11 Page - ams AG

Back Button AS3833 Datasheet HTML 7Page - ams AG AS3833 Datasheet HTML 8Page - ams AG AS3833 Datasheet HTML 9Page - ams AG AS3833 Datasheet HTML 10Page - ams AG AS3833 Datasheet HTML 11Page - ams AG AS3833 Datasheet HTML 12Page - ams AG AS3833 Datasheet HTML 13Page - ams AG AS3833 Datasheet HTML 14Page - ams AG AS3833 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Revision 1.8
10 - 20
AS3833
Datasheet - D e t a i l e d D e s c r i p t i o n
8 Detailed Description
8.1 Precision current output
Figure 9. Current output stage
The LED-current is derived from either Rset using the following equation
Iset is protected against a short to ground. In the case of a ground short the current Iset is limited to 660uA and the LED-current to 330mA.
Iset has a lower limit of 6uA with a 1uA hysteresis.This sets the lower limit of the LED-current to 3mA with Rset=200kΩ. If Rset is large than
200k
Ω, the LED-current is set to 0mA.
8.1.1
Phase shift
The outputs are controlled by the PWM-input and a built in phase shift generator. All outputs are phase shifted by 1/6 of the PWM-period. In
order to calculate the phase shift timing, two PWM-periods are needed. This means that after changing the PWM-frequency, the phase shift is
updated after the second period. The PWM-frequency must be in the range from 60Hz to 1kHz.
Figure 10. Phase shift
I
LED
RATIO
I
se t
×
=
RATIO
V
s et
R
s et
---------
×
500
1.2V
R
SET
------------
×
=
=
(EQ 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com