Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3833 Datasheet(PDF) 16 Page - ams AG

Part # AS3833
Description  6 channel high-precision LED cont rol ler for 3D-LCD backl ight with integrated step-up cont rol ler
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3833 Datasheet(HTML) 16 Page - ams AG

Back Button AS3833 Datasheet HTML 12Page - ams AG AS3833 Datasheet HTML 13Page - ams AG AS3833 Datasheet HTML 14Page - ams AG AS3833 Datasheet HTML 15Page - ams AG AS3833 Datasheet HTML 16Page - ams AG AS3833 Datasheet HTML 17Page - ams AG AS3833 Datasheet HTML 18Page - ams AG AS3833 Datasheet HTML 19Page - ams AG AS3833 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Revision 1.8
15 - 20
AS3833
Datasheet - D e t a i l e d D e s c r i p t i o n
8.4.2
Continuous Conduction Mode (CCM)
For normal operation the converter should stay in continuous conduction mode, to ensure that the inductor value must be bigger than LCRIT.
Where:
VIN ... Input voltage at VDDH
VOUT ... Output voltage
VD ... Diode forward voltage at D1
fSW ... Switching frequency
R ... Load resistor, should be calculated with minimum current load R = VOUT / IOUT_min
IOUT_min ... Minimum output current (e.g. for LED driver only one LED string is on)
8.4.3
Duty Cycle
Within CCM, the well known relation between input and output voltage is deriped in the following equation:
this means for the duty cycle:
8.4.4
Inductor Current
The inductor current varies during a switching cycle. This variation can be expressed by the mean value of the inductor current and the delta rise/
fall current within each cycle (see Figure 17).
Figure 17. Inductor Current
Mean inductor current:
Delta inductor current:
(EQ 9)
L
C RIT
1
V
IN
V
OUT
V
D
+
---------------------------
–
V
2
IN
×
R
×
2
f
SW
×
V
OUT
V
D
+
(
)
2
×
----------------------------------------------------------------------
=
(EQ 10)
V
OUT
V
D
+
V
IN
---------------------------
1
1
D
–
-------------
=
(EQ 11)
D
1
V
IN
V
OUT
V
D
+
---------------------------
–
=
(EQ 12)
I
L
I
OUT
1
D
–
-------------
=
(EQ 13)
I
L
∆
D
V
IN
×
f
S
L
×
-------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com