Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3833 Datasheet(PDF) 6 Page - ams AG

Part # AS3833
Description  6 channel high-precision LED cont rol ler for 3D-LCD backl ight with integrated step-up cont rol ler
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3833 Datasheet(HTML) 6 Page - ams AG

Back Button AS3833 Datasheet HTML 2Page - ams AG AS3833 Datasheet HTML 3Page - ams AG AS3833 Datasheet HTML 4Page - ams AG AS3833 Datasheet HTML 5Page - ams AG AS3833 Datasheet HTML 6Page - ams AG AS3833 Datasheet HTML 7Page - ams AG AS3833 Datasheet HTML 8Page - ams AG AS3833 Datasheet HTML 9Page - ams AG AS3833 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Revision 1.8
5 - 20
AS3833
Datasheet - A b s o l u t e M a x i m u m R a t i n g s
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only, and functional operation of
the device at these or any other conditions beyond those indicated in Electrical Characteristics on page 6 is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Table 2. Absolute Maximum Ratings
Parameter
Min
Max
Units
Comments
Electrical Parameters
VDDH to VSS, VDDH_HC to VSS
-0.3
55
V
VDDM to VSS, GATE to VSS
-0.3
25
V
xFAULT to VSS
-0.3
7
V
VDDL to VSS
-0.3
5
V
Analog Pin Voltage to VSS
1
1. Pins Vth, UVLO, Comp, Sense, FB, Iset, Ex, Bx
-0.3
5
V
Digital Pin Voltage to VSS
2
2. Pins PWMx
-0.3
5
V
Input Current (latch-up immunity)
-100
100
mA
Norm: JEDEC 78
Electrostatic Discharge
Electrostatic Discharge HBM
+/- 1500
V
Norm: MIL 883 E method 3015
Electrostatic Discharge MM
+/- 200
V
Norm: JESD22-A115C
Continuos Power Dissipation (TA = +70°C)
Continuos Power Dissipation
1.5
W
PT
3
for SOIC-28 Package
3. Depending on actual PCB layout and PCB used.
Continuos Power Dissipation Derating Factor
13
mW / °C
PDERATE
4
4. PDERATE derating factor changes the total continuous power dissipation (PT) if the ambient temperature is not 25ºC. Therefore for e.g.
TA=85ºC calculate PT at 85ºC = PT - PDERATE x (85ºC - 25ºC)
Temperature Ranges and Storage Conditions
Junction to ambient thermal resistance
76
ºC/W
SOIC-28 Package.
For more information about thermal metrics, see
application note AN01 Thermal Characteristics.
Junction Temperature (TJmax)
+150
ºC
Storage Temperature Range
-55
+150
ºC
Package Body Temperature
+260
ºC
The reflow peak soldering temperature (body
temperature) specified is in accordance with IPC/
JEDEC J-STD-020“Moisture/Reflow Sensitivity
Classification for Non-Hermetic Solid State Surface
Mount Devices”.
The lead finish for Pb-free leaded packages is matte
tin (100% Sn).
Humidity non-condensing
5
85
%
Moisture Sensitive Level
1
Represents a max. floor life time of unlimited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com