Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLS-440P Datasheet(PDF) 1 Page - ams AG

Part # HLS-440P
Description  Automotive Hydrogen Leak Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

HLS-440P Datasheet(HTML) 1 Page - ams AG

  HLS-440P Datasheet HTML 1Page - ams AG HLS-440P Datasheet HTML 2Page - ams AG HLS-440P Datasheet HTML 3Page - ams AG HLS-440P Datasheet HTML 4Page - ams AG HLS-440P Datasheet HTML 5Page - ams AG HLS-440P Datasheet HTML 6Page - ams AG HLS-440P Datasheet HTML 7Page - ams AG HLS-440P Datasheet HTML 8Page - ams AG HLS-440P Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
ams Datasheet
Page 1
[v1-00] 2015-Apr-01
Document Feedback
HLS-440P
Automotive Hydrogen Leak Sensor
The HLS-440P automotive hydrogen sensor monitors hydrogen
leakage concentrations of 0 - 10% in air. The design fulfills Zone
2 requirements according to ATEX 100a. The predicted
concentration is transmitted to the host via the CAN bus
interface or with PWM output.
Type A:
The sensor shall measure the hydrogen concentration in high
humidity conditions, e.g. in the exhaust of a fuel cell system, to
ensure compliance with defined upper thresholds.
Type B:
The sensor shall measure the hydrogen concentration under
ambient humidity conditions, to ensure compliance with
defined upper thresholds.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of HLS-440P, Automotive Hydrogen
Leak Sensor are listed below:
Figure 1:
Added Value of Using HLS-440P
Benefits
Features
• High sensitivity over large
concentration range
• 0 – 10% H2 in air or nitrogen
• Accuracy ±0.5% vol.
• Resolution 500ppm
• Low cross sensitivity
• Heated field-effect transistor technology
•No detection towards HC, H2S, N2, CO, CO2, NOx
• Designed for humid environment
• Humidity influence <0.5% typical
• Operating humidity range 5–100% relative humidity
including condensation
• Fast response time
•Start-up time <5s
• Speed of response (t90) < 5s
• Speed of recovery < 5s
• CAN bus interface 500 kbit/s (ISO11898-2)
•PWM output (optional)
• Low power consumption
• 70 mA (typical)
• Long-term stability and reliability
• ESD and EMC protection
• Operating temperature range –40ºC to 90ºC
• Operating pressure range 0.5 – 1.2 bar (absolute)
General Description


Similar Part No. - HLS-440P

ManufacturerPart #DatasheetDescription
logo
ams AG
HLS-442 AMSCO-HLS-442 Datasheet
431Kb / 22P
Automotive Hydrogen Leak Sensor
More results

Similar Description - HLS-440P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TGS821 ETC-TGS821 Datasheet
113Kb / 2P
SPECIAL SENSOR FOR HYDROGEN GAS
logo
ams AG
HLS-442 AMSCO-HLS-442 Datasheet
431Kb / 22P
Automotive Hydrogen Leak Sensor
HPS-100 AMSCO-HPS-100 Datasheet
545Kb / 24P
Automotive Hydrogen Sensor
logo
Integrated Device Techn...
SGAS701 IDT-SGAS701 Datasheet
714Kb / 16P
Trace Hydrogen Sensor
logo
Panasonic Semiconductor
EX-F70 PANASONIC-EX-F70 Datasheet
532Kb / 10P
Leak Detection Sensor
logo
Renesas Technology Corp
SGAS701 RENESAS-SGAS701 Datasheet
902Kb / 17P
Trace Hydrogen (H2)Sensor
logo
Zhengzhou Winsen Electr...
ME4-H2 WINSEN-ME4-H2 Datasheet
468Kb / 6P
Hydrogen Gas Sensor
MQ136 WINSEN-MQ136 Datasheet
558Kb / 6P
Hydrogen Sulfide Gas Sensor
ME3-H2S WINSEN-ME3-H2S Datasheet
438Kb / 5P
Electrochemical Hydrogen Sulfide Gas Sensor
ME4-H2S WINSEN-ME4-H2S Datasheet
638Kb / 6P
Hydrogen Sulfide Gas Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com