Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLS-440P Datasheet(PDF) 11 Page - ams AG

Part # HLS-440P
Description  Automotive Hydrogen Leak Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

HLS-440P Datasheet(HTML) 11 Page - ams AG

Back Button HLS-440P Datasheet HTML 7Page - ams AG HLS-440P Datasheet HTML 8Page - ams AG HLS-440P Datasheet HTML 9Page - ams AG HLS-440P Datasheet HTML 10Page - ams AG HLS-440P Datasheet HTML 11Page - ams AG HLS-440P Datasheet HTML 12Page - ams AG HLS-440P Datasheet HTML 13Page - ams AG HLS-440P Datasheet HTML 14Page - ams AG HLS-440P Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
ams Datasheet
Page 11
[v1-00] 2015-Apr-01
Document Feedback
HLS-440P − Electrical Interface
Byte 7 Safety Byte CRC
Figure 15:
Byte 7 Safety Byte Order
The CRC byte shows the 7-bit CRC over byte 0-6 with the
Polynomial 0xE5.
PWM
This section describes the PWM output that is available in some
variants of HLS-440P.
Physical Interface
The electrical connector is the same as in the variants with CAN
bus interface (see Electrical Connector ). Type A has a
termination resistor while type B does not.
The PWM signal is created as a differential CAN signal on pin 3
and 4. A CAN signal is said to be in a dominant state when the
signal lines are separated (a dominant bit is transmitted). When
the signal lines are at the same voltage level, the state is
recessive. Recommended circuitry to convert CAN signals to
TTL is specified in a separate document, available on request.
The PWM signal is only an output signal. No other transmitting
devices should be attached to the bus.
The PWM Signal
The PWM signal has a period time of 255 μs. The rather short
period is chosen since modern CAN transceivers do not allow
for a longer dominant state.
The duration of the recessive state can be translated into output
H2 prediction from the sensor module. The recessive duration
(pulse width) ranges from 20 to 220 μs, which corresponds to 0
to 10% hydrogen. An error is shown as a 10 μs pulse width. At
startup the pulse width will be 255 μs (100% duty cycle) until
the first valid H2 concentration is delivered after 5 s.
The figure below shows the output for 0% hydrogen (pulse
width of 20 μs).
Bit
MSB
7
6
5
4
3
2
1
LSB
0
Byte 7
XXXXX
XXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com