Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLS-440P Datasheet(PDF) 14 Page - ams AG

Part # HLS-440P
Description  Automotive Hydrogen Leak Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

HLS-440P Datasheet(HTML) 14 Page - ams AG

Back Button HLS-440P Datasheet HTML 10Page - ams AG HLS-440P Datasheet HTML 11Page - ams AG HLS-440P Datasheet HTML 12Page - ams AG HLS-440P Datasheet HTML 13Page - ams AG HLS-440P Datasheet HTML 14Page - ams AG HLS-440P Datasheet HTML 15Page - ams AG HLS-440P Datasheet HTML 16Page - ams AG HLS-440P Datasheet HTML 17Page - ams AG HLS-440P Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Page 14
ams Datasheet
Document Feedback
[v1-00] 2015-Apr-01
HLS-440P − Specifications
Note(s) and/or Footnote(s):
1. Preliminary values
2. Default offset compensation for humidity range.
The figure below describes the specification of the different
variants of HLS-440P
Figure 19:
Specification of the Different Variants of HLS-440P
Environmental
Operation temperature range
-40ºC to 90ºC
Storage temperature range
-50ºC to 95ºC
Humidity
5 – 100% including condensation (1)
Pressure
0.5 – 1.2 bar(a)
EMC
Automotive requirements
Mechanical
Dimensions (L, Ø)
L=93.5mm Ø = 30mm
Weight
77g
Stud
M14x1.5 in acc. to ISO 6149-3
O-ring
ID: 11.3 ± 0.2 mm, rec. cord size: 2.2 ± 0.08 mm
alt. cord size: 2.4 ± 0.08 mm
Material
Stainless steel and PBT GF30
Filter membrane
Pall SUPOR 450R, 0.45 μm.
IP code
IP6K7 and IP6K9K
Part Number
Default
On Request
CAN interface
Version 2.0 ISO 11898
-
PWM output
-
Yes
Type
ABAB
Description
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com