Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLS-440P Datasheet(PDF) 13 Page - ams AG

Part # HLS-440P
Description  Automotive Hydrogen Leak Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

HLS-440P Datasheet(HTML) 13 Page - ams AG

Back Button HLS-440P Datasheet HTML 9Page - ams AG HLS-440P Datasheet HTML 10Page - ams AG HLS-440P Datasheet HTML 11Page - ams AG HLS-440P Datasheet HTML 12Page - ams AG HLS-440P Datasheet HTML 13Page - ams AG HLS-440P Datasheet HTML 14Page - ams AG HLS-440P Datasheet HTML 15Page - ams AG HLS-440P Datasheet HTML 16Page - ams AG HLS-440P Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
ams Datasheet
Page 13
[v1-00] 2015-Apr-01
Document Feedback
HLS-440P − Specifications
Figure 18:
Typical Characteristics
Description
Value
Sensor Function
Target gas
Hydrogen
Concentration range
0 – 10 Vol% H2 in air
Accuracy
± 0.5% vol. (1)
Resolution
500 ppm
Speed of response (t90)
<5 s
Speed of recovery
<5 s
Cross-sensitivity
None towards HC, H2S, N2, CO, CO2, NOx
Humidity correction by subtracting 0.6% for type A (2)
Humidity correction by subtracting 0.3% for type B (2)
Start-up time
5 s
Expected lifetime
10 years (1)
Safety
Explosion proof
Designed to fulfill Zone 2 requirements according to ATEX
100a
Self test/Error handling
Yes
Electrical
Supply voltage
8.5 – 16 V
Supply current
70 mA typical @ 13.8 V and 20 ºC, increased current during
start-up phase (avg. 200 mA during first 1s)
CAN interface
Version 2.0 ISO 11898
Connector
A2105404381 - Code A
Mating Connector
MQS 4-pin, AMP 1-967640-1 Code A
ESD/Reverse polarity
Yes
Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com