Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLS-440P Datasheet(PDF) 4 Page - ams AG

Part # HLS-440P
Description  Automotive Hydrogen Leak Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

HLS-440P Datasheet(HTML) 4 Page - ams AG

  HLS-440P Datasheet HTML 1Page - ams AG HLS-440P Datasheet HTML 2Page - ams AG HLS-440P Datasheet HTML 3Page - ams AG HLS-440P Datasheet HTML 4Page - ams AG HLS-440P Datasheet HTML 5Page - ams AG HLS-440P Datasheet HTML 6Page - ams AG HLS-440P Datasheet HTML 7Page - ams AG HLS-440P Datasheet HTML 8Page - ams AG HLS-440P Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Page 4
ams Datasheet
Document Feedback
[v1-00] 2015-Apr-01
HLS-440P − Over view
Installation
The HLS-440P is designed for process connection with metric
straight screw thread with o-ring M14x1.5 in accordance with
ISO 6149-3 (stud end) and to fit into ISO 6149-1 (port).
The HLS-440P can also be mounted on a holder for open-air
application.
Recommended O-ring 11.3
±0.2, 2.2±0.08 or 11.3±0.2, 2.4±0.08
EPDM 70 “Peroxide crosslinked” or FPM 75 (Viton)
Recommended torque for fixation: 15 Nm (+10% -0%) acc.
ISO 6149-3
Recommended orientation of the sensor, see below.
Figure 4:
Recommended Mounting Position of the Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com