Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5548DCAR Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5548DCAR
Description  8-Channel HD Compatible Audio Processor
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5548DCAR Datasheet(HTML) 29 Page - Texas Instruments

Back Button TAS5548DCAR Datasheet HTML 25Page - Texas Instruments TAS5548DCAR Datasheet HTML 26Page - Texas Instruments TAS5548DCAR Datasheet HTML 27Page - Texas Instruments TAS5548DCAR Datasheet HTML 28Page - Texas Instruments TAS5548DCAR Datasheet HTML 29Page - Texas Instruments TAS5548DCAR Datasheet HTML 30Page - Texas Instruments TAS5548DCAR Datasheet HTML 31Page - Texas Instruments TAS5548DCAR Datasheet HTML 32Page - Texas Instruments TAS5548DCAR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 116 page
background image
IP Mixer 1
(I2C 0x41 )
10 X 8
Crossbar
Input Mixer
A
H
G
F
E
D
C
B
I
J
SDIN1-L (L)(1)
SDIN1-R (R)
SDIN2-L (LS)
SDIN2-R (RS)
SDIN3-L (LBS)
SDIN3-R (RBS)
SDIN4-L (C)
SDIN4-R (LFE)
MIC-L-IN
MIC-R-IN
IP Mixer 2
(I2C 0x42 )
10 X 8
Crossbar
Input Mixer
A
H
G
F
E
D
C
B
I
J
SDIN1-L (L)
SDIN1-R (R)(1)
SDIN2-L (LS)
SDIN2-R (RS)
SDIN3-L (LBS)
SDIN3-R (RBS)
SDIN4-L (C)
SDIN4-R (LFE)
MIC-L-IN
MIC-R-IN
IP Mixer 3
(I2C 0x43 )
10 X 8
Crossbar
Input Mixer
A
H
G
F
E
D
C
B
I
J
SDIN1-L (L)
SDIN1-R (R)
SDIN2-L (LS)(1)
SDIN2-R (RS)
SDIN3-L (LBS)
SDIN3-R (RBS)
SDIN4-L (C)
SDIN4-R (LFE)
MIC-L-IN
MIC-R-IN
IP Mixer 4
(I2C 0x44 )
10 X 8
Crossbar
Input Mixer
A
H
G
F
E
D
C
B
I
J
SDIN1-L (L)
SDIN1-R (R)
SDIN2-L (LS)
SDIN2-R (RS)(1)
SDIN3-L (LBS)
SDIN3-R (RBS)
SDIN4-L (C)
SDIN4-R (LFE)
MIC-L-IN
MIC-R-IN
IP Mixer 5
(I2C 0x45 )
10 X 8
Crossbar
Input Mixer
A
H
G
F
E
D
C
B
I
J
SDIN1-L (L)
SDIN1-R (R)
SDIN2-L (LS)
SDIN2-R (RS)
SDIN3-L (LBS)(1)
SDIN3-R (RBS)
SDIN4-L (C)
SDIN4-R (LFE)
MIC-L-IN
MIC-R-IN
IP Mixer 6
(I2C 0x46 )
10 X 8
Crossbar
Input Mixer
A
H
G
F
E
D
C
B
I
J
SDIN1-L (L)
SDIN1-R (R)
SDIN2-L (LS)
SDIN2-R (RS)
SDIN3-L (LBS)
SDIN3-R (RBS)(1)
SDIN4-L (C)
SDIN4-R (LFE)
MIC-L-IN
MIC-R-IN
IP Mixer 7
(I2C 0x47 )
10 X 8
Crossbar
Input Mixer
A
H
G
F
E
D
C
B
I
J
SDIN1-L (L)
SDIN1-R (R)
SDIN2-L (LS)
SDIN2-R (RS)
SDIN3-L (LBS)
SDIN3-R (RBS)
SDIN4-L (C)(1)
SDIN4-R (LFE)
MIC-L-IN
MIC-R-IN
IP Mixer 8
(I2C 0x48 )
10 X 8
Crossbar
Input Mixer
A
H
G
F
E
D
C
B
I
J
SDIN1-L (L)
SDIN1-R (R)
SDIN2-L (LS)
SDIN2-R (RS)
SDIN3-L (LBS)
SDIN3-R (RBS)
SDIN4-L (C)
SDIN4-R (LFE)(1)
MIC-L-IN
MIC-R-IN
2 DAP 8
BQ
(0x82 -
0x83
2 DAP 7
BQ
(0x7B-
0x7C
Coeff=0 (lin), (I2C 0x4F)
Coeff=0 (lin),
(I2C 0x4C)
Coeff=1 (lin),
(I2C 0x50 )
Coeff=1 (lin),
(I2C 0x4D )
Coeff=0 (lin), (I2C 0x4B)
Coeff=0 (lin), (I2C 0x4E )
Coeff=0 (lin), (I2C 0x4A)
Coeff=0 (lin), (I2C 0x49 )
7 DAP 1
BQ
(0x51 -
0x57
7 DAP 2
BQ
(0x58 -
0x5E
7 DAP 3
BQ
(0x5F -
0x65
7 DAP 4
BQ
(0x66 -
0x6C
7 DAP 5
BQ
(0x6D-
0x73
7 DAP 6
BQ
(0x74 -
0x7A
5 DAP 7
BQ
(0x7D-
0x81
5 DAP 8
BQ
(0x84 -
0x88
Bass
Treble 1
BQ
(0xDA-
0xDD
Bass
Treble 2
BQ
(0xDA-
0xDD
Bass
Treble 3
BQ
(0xDA-
0xDD
Bass
Treble 4
BQ
(0xDA-
0xDD
Bass
Treble 5
BQ
(0xDA-
0xDD
Bass
Treble 6
BQ
(0xDA-
0xDD
Bass
Treble 7
BQ
(0xDA-
0xDD
Bass
BQ
(0xDA-
0xDD
Volume
1
0xD1
Volume
2
0xD2
Volume
3
0xD3
Loudnes
s 1
(0x91 -
0x95
OP Mixer 1
(I C 0xAA)
2
8 × 2 Output
Mixer
Volume
4
0xD4
Volume
5
0xD5
Volume
6
0xD6
Volume
7
0xD7
Volume
8
0xD8
Loudnes
s 2
(0x91 -
0x95
Loudnes
s 3
(0x91 -
0x95
Loudnes
s 4
(0x91 -
0x95
Loudnes
s 5
(0x91 -
0x95
Loudnes
s 6
(0x91 -
0x95
Loudnes
s 7
(0x91 -
0x95
Loudnes
s 8
(0x91 -
0x95
DRC
1
(0x96 -
0x9C
DRC
1
(0x96 -
0x9C
DRC
1
(0x96 -
0x9C
DRC
1
(0x96 -
0x9C
DRC
1
(0x96 -
0x9C
DRC
1
(0x9D-
0xA1
DRC
1
(0xXX-
0xXX
DRC
2
(0xXX-
0xXX
OP Mixer 2
(I C 0xAB)
2
8 × 2 Output
Mixer
OP Mixer 3
(I C 0xAC)
2
8 × 2 Output
Mixer
OP Mixer 4
(I C 0xAD)
2
8 × 2 Output
Mixer
OP Mixer 5
(I C 0xAE)
2
8 × 2 Output
Mixer
OP Mixer 6
(I C 0xAF)
2
8 × 2 Output
Mixer
OP Mixer 7
(I C 0xB0)
2
8 × 3 Output
Mixer
OP Mixer 8
(I C 0xB1)
2
8 × 3 Output
Mixer
Master Vol
(0xD9)
Max VOL
THD Management
xE9, xEA
L to PWM1
R to PWM2
LS to PWM3
RS to PWM4
LBS to PWM5
RBS to PWM6
C to PWM7
Sub to PWM8
TAS5548
www.ti.com
SLES270A – NOVEMBER 2012 – REVISED APRIL 2015
(1)
Default inputs
Figure 23. TAS5548 DAP Architecture With I2C Registers (fS ≤ 96 kHz)
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com