Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5548DCAR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5548DCAR
Description  8-Channel HD Compatible Audio Processor
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5548DCAR Datasheet(HTML) 3 Page - Texas Instruments

  TAS5548DCAR Datasheet HTML 1Page - Texas Instruments TAS5548DCAR Datasheet HTML 2Page - Texas Instruments TAS5548DCAR Datasheet HTML 3Page - Texas Instruments TAS5548DCAR Datasheet HTML 4Page - Texas Instruments TAS5548DCAR Datasheet HTML 5Page - Texas Instruments TAS5548DCAR Datasheet HTML 6Page - Texas Instruments TAS5548DCAR Datasheet HTML 7Page - Texas Instruments TAS5548DCAR Datasheet HTML 8Page - Texas Instruments TAS5548DCAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 116 page
background image
PWM_HPM_L
1
2
3
4
5
6
7
PWM_HPP_R
AVSS
PLL_FLTM
PLL_FLTP
SDIN1
VR_ANA
SDIN2
AVDD
ASEL_EMO2
SCLK
SDIN2_1 (SDIN3)
XTALI
XTALO
DVSS2
DVDD2
EMO1
RESET
HP_SEL
PDN
MUTE
VR_DIG
LRCLK
SDA
SCL
PWM_HPP_L
PWM_HPM_R
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
PWM_P_6
PWM_M_6
PWM_P_5
PWM_M_5
VR_PWM
AVSS_PWM
AVDD_PWM
PWM_P_8
PWM_M_8
PWM_P_7
PWM_M_7
PWM_P_4
PWM_M_4
PWM_P_3
PWM_M_3
PWM_P_2
PWM_M_2
PWM_P_1
VALID
DVDD1
PWM_M_1
DVSS1
BKND_ERR
PSVC/MLCK
TEST
LRCLKO (LRCK#2)
SCLKO (SCLK#2)
SDOUT (SDIN5)
SDIN2_2 (SDIN4)
TAS5548
www.ti.com
SLES270A – NOVEMBER 2012 – REVISED APRIL 2015
5 Pin Configuration and Functions
TAS5548 DCA Package
56-Pin HTSSOP
Top View
Pin Functions
PIN
5-V
TYPE
TERMINATION
DESCRIPTION
TOLERANT
NAME
NO.
ASEL_EMO2
10
DIO
Pullup
I2C Address Select. Address will 0X34/0X36 with the value of pin being "0' or
"1" during de-assertion of reset. Can be programmed to be an output (as energy
manager output for subwoofer)
AVDD
9
P
Analog supply (3.3 V) for PLL.
AVDD_PWM
50
P
3.3-V analog power supply for PWM. This terminal can be connected to the
same power source used to drive power terminal DVDD; but to achieve low PLL
jitter, this terminal should be bypassed to AVSS_PWM with a 0.1-
μF low-ESR
capacitor.
AVSS
5
P
Analog ground
AVSS_PWM
51
P
Analog ground for PWM. Must have direct return Cu path to analog 3.3V supply
for optimized performance.
BKND_ERR
34
DI
Pullup
Active-low. A back-end error sequence is generated by applying logic low to this
terminal. The BKND_ERR results in no change to I2C parameters, with all H-
bridge drive signals going to a hard-mute state (Non PWM Switching).
DVDD1
35
P
3.3-V digital power supply. (It is recommended that decoupling capacitors of
0.1
μF and 10 μF be mounted close to this pin).
DVDD2
14
P
3.3-V digital power supply for PWM. (It is recommended that decoupling
capacitors of 0.1
μF and 10 μF be mounted close to this pin).
DVSS1
36
P
Digital ground 1
DVSS2
13
P
Digital ground 2
EMO1
15
DO
Energy Manger Output interrupt - Asserted high when threshold is exceeded.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com