Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5548DCAR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5548DCAR
Description  8-Channel HD Compatible Audio Processor
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5548DCAR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TAS5548DCAR Datasheet HTML 9Page - Texas Instruments TAS5548DCAR Datasheet HTML 10Page - Texas Instruments TAS5548DCAR Datasheet HTML 11Page - Texas Instruments TAS5548DCAR Datasheet HTML 12Page - Texas Instruments TAS5548DCAR Datasheet HTML 13Page - Texas Instruments TAS5548DCAR Datasheet HTML 14Page - Texas Instruments TAS5548DCAR Datasheet HTML 15Page - Texas Instruments TAS5548DCAR Datasheet HTML 16Page - Texas Instruments TAS5548DCAR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 116 page
background image
Frequency (Hz)
0
5000
10000
15000
20000
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
D003
Frequency (Hz)
0
5000
10000
15000
20000
25000
-200
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
D004
Frequency (Hz)
0
5000
10000
15000
20000
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
D001
Frequency (Hz)
0
5000
10000
15000
20000
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
D002
TAS5548
www.ti.com
SLES270A – NOVEMBER 2012 – REVISED APRIL 2015
6.17 Typical Characteristics
Figure 9. Frequency Response at 48 kHz Sampling Rate with
Figure 10. Frequency Response at 48 kHz Sampling Rate
-60 dB Input at 1 kHz
with 3 dB Input at 1 kHz
Figure 11. Frequency Response at 44.1 kHz Sampling Rate
Figure 12. Frequency Response at 44.1 kHz Sampling Rate
with -60 dB Input at 1 kHz
with 3 dB Input at 1 kHz
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com