Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5548DCAR Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5548DCAR
Description  8-Channel HD Compatible Audio Processor
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5548DCAR Datasheet(HTML) 73 Page - Texas Instruments

Back Button TAS5548DCAR Datasheet HTML 69Page - Texas Instruments TAS5548DCAR Datasheet HTML 70Page - Texas Instruments TAS5548DCAR Datasheet HTML 71Page - Texas Instruments TAS5548DCAR Datasheet HTML 72Page - Texas Instruments TAS5548DCAR Datasheet HTML 73Page - Texas Instruments TAS5548DCAR Datasheet HTML 74Page - Texas Instruments TAS5548DCAR Datasheet HTML 75Page - Texas Instruments TAS5548DCAR Datasheet HTML 76Page - Texas Instruments TAS5548DCAR Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 116 page
background image
TAS5548
www.ti.com
SLES270A – NOVEMBER 2012 – REVISED APRIL 2015
Each gain coefficient is in 28-bit (5.23) format, so 0x80 0000 is a gain of 1. Each gain coefficient is written as a
32-bit word with the upper four bits not used.
Table 40. Contents of One 20-Byte Biquad Filter Register (Default = All-Pass)
DEFAULT GAIN COEFFICIENT VALUES
DESCRIPTION
REGISTER FIELD CONTENTS
DECIMAL
HEX
b0 coefficient
u[31:28], b0[27:24], b0[23:16], b0[15:8], b0[7:0]
1.0
0080 0000
b1 coefficient
u[31:28], b1[27:24], b1[23:16], b1[15:8], b1[7:0]
0.0
0000 0000
b2 coefficient
u[31:28], b2[27:24], b2[23:16], b2[15:8], b2[7:0]
0.0
0000 0000
a1 coefficient
u[31:28], a1[27:24], a1[23:16], a1[15:8], a1[7:0]
0.0
0000 0000
a2 coefficient
u[31:28], a2[27:24], a2[23:16], a2[15:8], a2[7:0]
0.0
0000 0000
7.6.2.23 Bass and Treble Register, Channels 1–8 (0x89–0x90)
Channels 1, 2, 3, 4, 5, 6, 7, and 8 are mapped into registers 0x89, 0x8A, 0x8B, 0x8C, 0x8D, 0x8E, 0x8F, and
0x90, respectively. Eight bytes are written for each channel. Each gain coefficient is in 28-bit (5.23) format, so
0x80 0000 is a gain of 1. Each gain coefficient is written as a 32-bit word with the upper four bits reserved.
Table 41. Channel 1–8 Bass and Treble Bypass Register Format
REGISTER
TOTAL
CONTENTS
DEFAULT VALUE
NAME
BYTES
Channel bass and
Bypass
0080 0000
treble bypass
8
Channel bass and
Inline
0000 0000
treble inline
7.6.2.24 Loudness Registers (0x91–0x95)
Table 42. Loudness Register Format
I2C SUB-
TOTAL
REGISTER NAME
DESCRIPTION OF CONTENTS
DEFAULT STATE
BYTES
ADDRESS
0x91
4
Loudness Log2 gain (LG)
u[31:28], LG[27:24], LG[23:16], LG[15:8], LG[7:0]
0FC0 0000
0x92
4
Loudness Log2 offset (LO)
LO[31:24], LO[23:16], LO[15:8], LO[7:0]
0000 0000
0x93
4
Loudness gain (G)
u[31:28], G[27:24], G[23:16], G[15:8], G[7:0]
0000 0000
Loudness offset lower 32 bits
O[31:24], O[23:16], O[15:8], O[7:0]
0000 0000
0x94
4
(O)
Loudness biquad (b0)
u[31:28], b0[27:24], b0[23:16], b0[15:8], b0[7:0]
00FE 5045
Loudness biquad (b1)
u[31:28], b1[27:24], b1[23:16], b1[15:8], b1[7:0]
0F81 AA27
0x95
20
Loudness biquad (b2)
u[31:28], b2[27:24], b2[23:16], b2[15:8], b2[7:0]
0000 D513
Loudness biquad (a1)
u[31:28], a1[27:24], a1[23:16], a1[15:8], a1[7:0]
0000 0000
Loudness biquad (a2)
u[31:28], a2[27:24], a2[23:16], a2[15:8], a2[7:0]
0FFF 2AED
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
73
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com