Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5548DCAR Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5548DCAR
Description  8-Channel HD Compatible Audio Processor
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5548DCAR Datasheet(HTML) 33 Page - Texas Instruments

Back Button TAS5548DCAR Datasheet HTML 29Page - Texas Instruments TAS5548DCAR Datasheet HTML 30Page - Texas Instruments TAS5548DCAR Datasheet HTML 31Page - Texas Instruments TAS5548DCAR Datasheet HTML 32Page - Texas Instruments TAS5548DCAR Datasheet HTML 33Page - Texas Instruments TAS5548DCAR Datasheet HTML 34Page - Texas Instruments TAS5548DCAR Datasheet HTML 35Page - Texas Instruments TAS5548DCAR Datasheet HTML 36Page - Texas Instruments TAS5548DCAR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 116 page
background image
u
Coefficient
Digit 8
u
u
u
S
x
x
x
Coefficient
Digit 7
x.
x
x
x
Coefficient
Digit 6
x
x
x
x
Coefficient
Digit 5
x
x
x
x
Coefficient
Digit 4
x
x
x
x
Coefficient
Digit 3
x
x
x
x
Coefficient
Digit 2
x
x
x
x
Coefficient
Digit 1
Fraction
Digit 5
Sign
Bit
0
Fraction
Digit 6
Fraction
Digit 4
Fraction
Digit 3
Fraction
Digit 2
Fraction
Digit 1
Integer
Digit 1
u = unused or don’t care bits
Digit = hexadecimal digit
M0009-01
(1 or 0)
23 + (1 or 0)
22 + … + (1 or 0)
20 + (1 or 0)
2−1 + … + (1 or 0)
2−4 + … + (1 or 0)
2−23
23 Bit
22 Bit
20 Bit
2−1 Bit
2−4 Bit
2−23 Bit
M0008-01
TAS5548
www.ti.com
SLES270A – NOVEMBER 2012 – REVISED APRIL 2015
Figure 29. Conversion Weighting Factors—5.23 Format to Floating Point
Gain coefficients, entered via the I2C bus, must be entered as 32-bit binary numbers. The format of the 32-bit
number (4-byte or 8-digit hexadecimal number) is shown in Figure 30.
Figure 30. Alignment of 5.23 Coefficient in 32-Bit I2C Word
As Figure 30 shows, the hexadecimal (hex) value of the integer part of the gain coefficient cannot be
concatenated with the hex value of the fractional part of the gain coefficient to form the 32-bit I2C coefficient. The
reason is that the 28-bit coefficient contains 5 bits of integer, and thus the integer part of the coefficient occupies
all of one hex digit and the most significant bit of the second hex digit. In the same way, the fractional part
occupies the lower three bits of the second hex digit, and then occupies the other five hex digits (with the eighth
digit being the zero-valued most significant hex digit).
7.4.10.3 TAS5548 Audio Processing
The TAS5548 digital audio processing is designed so that noise produced by filter operations is maintained
below the smallest signal amplitude of interest, as shown in Figure 31. The device achieves this low noise level
by increasing the precision of the signal representation substantially above the number of bits that are absolutely
necessary to represent the input signal.
Similarly, the TAS5548 carries additional precision in the form of overflow bits to permit the value of intermediate
calculations to exceed the input precision without clipping. The TAS5548's advanced digital audio processor
achieves both of these important performance capabilities by using a high-performance digital audio-processing
architecture with a 32-bit data path, 28-bit filter coefficients, and a 60-bit accumulator.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com