Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL13A-ASWB Datasheet(PDF) 2 Page - ams AG

Part # SL13A-ASWB
Description  Smart Sensory Tag Chip For Unique Identification, Monitoring and Data Logging
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SL13A-ASWB Datasheet(HTML) 2 Page - ams AG

  SL13A-ASWB Datasheet HTML 1Page - ams AG SL13A-ASWB Datasheet HTML 2Page - ams AG SL13A-ASWB Datasheet HTML 3Page - ams AG SL13A-ASWB Datasheet HTML 4Page - ams AG SL13A-ASWB Datasheet HTML 5Page - ams AG SL13A-ASWB Datasheet HTML 6Page - ams AG SL13A-ASWB Datasheet HTML 7Page - ams AG SL13A-ASWB Datasheet HTML 8Page - ams AG SL13A-ASWB Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
SL13A – 2
ams Datasheet: 2014-May-06 [v1-01]
G e n e ral D e sc rip t ion
Applications
The SL13A applications include:
• Monitoring and tracking of temperature-sensitive
products
• Temperature monitoring of medical products
• Pharmaceutical logistics
• Monitoring of fragile goods transportation
Block Diagram
The functional blocks of this device for reference are
shown below:
Figure 2:
SL13A Block Diagram
Parameter setting via serial interface
SPI port (slave) with access to EEPROM
Precludes manipulation and unauthorized usage
of data
Perpetual password-protected EEPROM access from
reader
Works in multi-tag environment
Anti-collision capability
Flexible delivery form
16-LD QFN (5x5 mm)
Tested wafer (8”)
Benefits
Features
Energy Harvesting (up to 4 mA @3.4V)
SL13A
ISO 15693
Logging Logic
Register
FIFO
13.56 MHz
AFE
8k-bit
EEPROM
SPI Slave
Power
Management
10-bit
ADC
VEXT
VBAT
ANT2
ANT1
ANA-
TEST
SEXT
Temperature
Sensor
External Sensor
Input
MUX
RTC
CE
Din
Dout
CLK
VSS
Battery optional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com