Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL13A-ASWB Datasheet(PDF) 33 Page - ams AG

Part # SL13A-ASWB
Description  Smart Sensory Tag Chip For Unique Identification, Monitoring and Data Logging
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SL13A-ASWB Datasheet(HTML) 33 Page - ams AG

Back Button SL13A-ASWB Datasheet HTML 29Page - ams AG SL13A-ASWB Datasheet HTML 30Page - ams AG SL13A-ASWB Datasheet HTML 31Page - ams AG SL13A-ASWB Datasheet HTML 32Page - ams AG SL13A-ASWB Datasheet HTML 33Page - ams AG SL13A-ASWB Datasheet HTML 34Page - ams AG SL13A-ASWB Datasheet HTML 35Page - ams AG SL13A-ASWB Datasheet HTML 36Page - ams AG SL13A-ASWB Datasheet HTML 37Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
ams Datasheet: 2014-May-06 [v1-01]
SL13A – 33
C o mmands
The Address field holds the EEPROM address. Data field contains
the EEPROM data or Test vector.
The SPI communication is always organized into frames of 6
bytes, any other number of bytes will result in a communication
error. The communication has to end with a clock pulse - the
'execute' pulse. The whole number of clock pulses in a
communication frame is 49.
The only operation that requires more bytes is the EEPROM read
operation. After the 49th clock pulse, another 33 clock pulses
have to be generated, with a delay of at least 30
μs after the
'execute' pulse. The data is shifted out with the last 32 clock
pulses.
The SPI supply will send an IRQ on the D_OUT pin after the
command is executed. In the SPI Write command, the D_OUT
signal will go high after the EEPROM write operation is fully
completed. This typically takes 12ms. In the SPI Read command,
the D_OUT signal will go high after the data is ready to be read.
In order to read the data, the master has to send 1 additional
clock pulse – the ACK pulse – before he starts to read the 32 bits
of data. In a Read command, the full operation takes 82 clock
pulses (48 for command + 1 Execute + 1 ACK + 32 data read).
The SPI interface is referenced to the VBAT supply. If the chip is
used in fully passive mode with external circuitry, the SPI
interface is referenced to the VEXT supply.
Figure 21:
SPI Write Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com