Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL13A-ASWB Datasheet(PDF) 4 Page - ams AG

Part # SL13A-ASWB
Description  Smart Sensory Tag Chip For Unique Identification, Monitoring and Data Logging
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SL13A-ASWB Datasheet(HTML) 4 Page - ams AG

  SL13A-ASWB Datasheet HTML 1Page - ams AG SL13A-ASWB Datasheet HTML 2Page - ams AG SL13A-ASWB Datasheet HTML 3Page - ams AG SL13A-ASWB Datasheet HTML 4Page - ams AG SL13A-ASWB Datasheet HTML 5Page - ams AG SL13A-ASWB Datasheet HTML 6Page - ams AG SL13A-ASWB Datasheet HTML 7Page - ams AG SL13A-ASWB Datasheet HTML 8Page - ams AG SL13A-ASWB Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
SL13A – 4
ams Datasheet: 2014-May-06 [v1-01]
P i n a n d P a d Layo u t
Figure 5:
Pin Description
Pin Number
Pin Name
Description
1
VBAT
Battery input
2
ANA-TEST
Analog test output
3
VEXT
Power output for external circuit (rectified RF voltage)
4
NC
Not connected
5ANT1
Antenna coil
6ANT2
Antenna coil
7
NC
Not connected
8
NC
Not connected
9
NC
Not connected
10
CE
SPI enable input
11
DIN
SPI data in
12
VSS
Negative supply and ground
13
NC
Not connected
14
CLK
SPI clock
15
DOUT
SPI data out
16
SEXT
Analog input for external sensor. The input voltage range is 0.3V to 0.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com