Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL13A-ASWB Datasheet(PDF) 5 Page - ams AG

Part # SL13A-ASWB
Description  Smart Sensory Tag Chip For Unique Identification, Monitoring and Data Logging
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SL13A-ASWB Datasheet(HTML) 5 Page - ams AG

  SL13A-ASWB Datasheet HTML 1Page - ams AG SL13A-ASWB Datasheet HTML 2Page - ams AG SL13A-ASWB Datasheet HTML 3Page - ams AG SL13A-ASWB Datasheet HTML 4Page - ams AG SL13A-ASWB Datasheet HTML 5Page - ams AG SL13A-ASWB Datasheet HTML 6Page - ams AG SL13A-ASWB Datasheet HTML 7Page - ams AG SL13A-ASWB Datasheet HTML 8Page - ams AG SL13A-ASWB Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
ams Datasheet: 2014-May-06 [v1-01]
SL13A – 5
Abs o lute M a ximum R a tings
Stresses beyond those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. These are
stress ratings only. Functional operation of the device at these
or any other conditions beyond those indicated under
“Operating Conditions” on page 5 is not implied. Exposure to
absolute maximum rating conditions for extended periods may
affect device reliability.
Figure 6:
Absolute Maximum Ratings
(Operating free–air temperature range)
Figure 7:
Operating Conditions
Parameter
Min
Max
Unit
Note
Input Voltage Range
-0.3
3.7
V
All voltage values are with respect
to substrate ground terminal VSS
Maximum Current VEXT, ANT1, ANT2
1A
ESD Rating, HBM
2
kV
Maximum Operating Virtual Junction
Temperature, TJ
+150
°C
Storage Temperature Range, Tstg
-65
+150
°C
Lead Temperature (soldering, 10 sec.)
+300
°C
Symbol
Parameter
Min
Typ
Max
Unit
VBAT
Input Supply Voltage
1.2
1.5
3.3
V
TA
Operating ambient temperature range
-40
+110
°C
Absolute Maximum Ratings
Operating Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com