Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL13A-ASWB Datasheet(PDF) 30 Page - ams AG

Part # SL13A-ASWB
Description  Smart Sensory Tag Chip For Unique Identification, Monitoring and Data Logging
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SL13A-ASWB Datasheet(HTML) 30 Page - ams AG

Back Button SL13A-ASWB Datasheet HTML 26Page - ams AG SL13A-ASWB Datasheet HTML 27Page - ams AG SL13A-ASWB Datasheet HTML 28Page - ams AG SL13A-ASWB Datasheet HTML 29Page - ams AG SL13A-ASWB Datasheet HTML 30Page - ams AG SL13A-ASWB Datasheet HTML 31Page - ams AG SL13A-ASWB Datasheet HTML 32Page - ams AG SL13A-ASWB Datasheet HTML 33Page - ams AG SL13A-ASWB Datasheet HTML 34Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
SL13A – 30
ams Datasheet: 2014-May-06 [v1-01]
C o mmands
Data Log Format
The SL13A device supports 3 different data log formats. The
data log format depends on the Logging form. The data log
formats are defined as follows:
Dense mode:
Limits mode without battery check:
Limits mode with battery check:
In Dense mode there is no Measurement number included,
because every measurement is stored to the EEPROM.
The Logging form is set with the Set Log Mode command and
is stored in the Bit30 and Bit29 in the Log mode field in the
EEPROM.
Figure 19:
Bit30, Bit29
b31 - b30
b29
b20
b19
b10
b9
b0
0
Temp. value 3
Temp. value 2
Temp. value 1
b31
b20
b19
b10
b9
b0
Measurement #
0
Temp. value
b31
b20
b19
b10
b9
b0
Measurement #
Battery value
Temp. value
Bit30
Bit29
Logging Form
Description
00
Dense
All values are stored to the measurement area. There are 3
10bit temperature values in each EEPROM block. The
upper 2 bits are 0. No Battery voltage storage is possible in
this mode.
0
1
All values out of limits
All values that are out of the specified limits are stored to
the measurement area. There is only 1 measurement in
each EEPROM block. The temp. value is in the lower 10 bits
(b9 – b0). If Battery check is set to 1, the battery value is
stored to the next 10 bits. The upper 12 bits hold the
number of the measurement.
1
0
Not allowed
Option not supported
1
1
Limits crossing
Only the crossing point of each limit boundary is stored.
There is only 1 measurement in each EEPROM block. The
temp. value is in the lower 10 bits (b9 – b0). If Battery check
is set to 1, the battery value is stored to the next 10 bits.
The upper 12 bits hold the number of the measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com