Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V23839-R35-L55 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # V23839-R35-L55
Description  iSFF - Intelligent Small Form Factor 1.25 Gigabit Ethernet 4.25/2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC??Connector
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23839-R35-L55 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button V23839-R35-L55 Datasheet HTML 2Page - Infineon Technologies AG V23839-R35-L55 Datasheet HTML 3Page - Infineon Technologies AG V23839-R35-L55 Datasheet HTML 4Page - Infineon Technologies AG V23839-R35-L55 Datasheet HTML 5Page - Infineon Technologies AG V23839-R35-L55 Datasheet HTML 6Page - Infineon Technologies AG V23839-R35-L55 Datasheet HTML 7Page - Infineon Technologies AG V23839-R35-L55 Datasheet HTML 8Page - Infineon Technologies AG V23839-R35-L55 Datasheet HTML 9Page - Infineon Technologies AG V23839-R35-L55 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
V23839-R3x-L55
Description
Preliminary Product Information
6
2004-06-25
The Infineon iSFF multimode transceiver is a single unit comprised of a transmitter, a
receiver, and an LC™ receptacle.
This transceiver supports the LC™ connectorization concept. It is compatible with RJ-45
style backpanels for high end datacom and telecom applications while providing the
advantages of fiber optic technology.
The module is designed for low cost SAN, LAN, Fibre Channel and Gigabit Ethernet
applications. It can be used as the network end device interface in mainframes,
workstations, servers, and storage devices, and in a broad range of network devices
such as bridges, routers, hubs, and local and wide area switches.
This transceiver operates at 1.0625 Gbit/s / 1.25 Gbit/s / 2.125 Gbit/s / 4.25 Gbit/s from
a single power supply (+3.3 V). The 100
Ω differential data inputs and outputs are
CML compatible.
Functional Description of iSFF Transceiver
This transceiver is designed to transmit serial data via multimode cable.
Figure 2
Functional Diagram
Laser
Driver
Power
Control
Limiting
Amp
TIA
o/e
o/e
Laser
e/o
Rx Coupling Unit
TD
+
TD
−
Tx Disable
Tx Fault
RD
−
SD
RD
+
Tx Coupling Unit
Multimode Fiber
Monitor
Rate Select 1)
Automatic
Shut-Down
EEPROM
Digital Diagnostic
Monitoring Interface
Alarm and
Warning Flags
MOD-DEF(2)
MOD-DEF(1)
File: 1368
1) Not implemented



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com