Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V23839-R35-L55 Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # V23839-R35-L55
Description  iSFF - Intelligent Small Form Factor 1.25 Gigabit Ethernet 4.25/2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC??Connector
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23839-R35-L55 Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button V23839-R35-L55 Datasheet HTML 18Page - Infineon Technologies AG V23839-R35-L55 Datasheet HTML 19Page - Infineon Technologies AG V23839-R35-L55 Datasheet HTML 20Page - Infineon Technologies AG V23839-R35-L55 Datasheet HTML 21Page - Infineon Technologies AG V23839-R35-L55 Datasheet HTML 22Page - Infineon Technologies AG V23839-R35-L55 Datasheet HTML 23Page - Infineon Technologies AG V23839-R35-L55 Datasheet HTML 24Page - Infineon Technologies AG V23839-R35-L55 Datasheet HTML 25Page - Infineon Technologies AG V23839-R35-L55 Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
V23839-R3x-L55
Application Notes
Preliminary Product Information
22
2004-06-25
EEPROM Serial ID Memory Contents (A0h), V23839-R35-L55
Addr.
Hex ASCII
Name/Description
Addr. Hex ASCII
Name/Description
0
02
Identifier
32
47
G
Vendor name
104
Extended identifier
33
6D
m
207
Connector
34
62
b
300
Transceiver optical
compatibility
35
48
H
400
36
00
Reserved
500
37
00
Vendor OUI
601
38
03
740
39
19
8
40
40
56
V
Vendor part number
90C
41
32
2
10
15
42
33
3
11
01
Encoding
43
38
8
12
2B
BR, nominal
44
33
3
13
00
Reserved
45
39
9
14
00
Length (9 µm) - km
46
2D
-
15
00
Length (9 µm)
47
52
R
16
0F
Length (50 µm)
48
33
3
17
07
Length (62.5 µm)
49
35
5
18
00
Length (copper)
50
2D
-
19
00
Reserved
51
4C
L
20
49
I
Vendor name
52
35
5
21
6E
n
53
35
5
22
66
f
54
20
23
69
i
55
20
24
6E
n
56
42
B
Vendor revision,
product status
dependent
25
65
e
57
31
1
26
6F
o
58
41
A
27
6E
n
59
39
9
28
20
60
03
Wavelength
29
46
F
61
52
30
4F
O
62
00
Reserved
31
20
63
21
Check sum of
bytes 0 - 62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com