Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V23839-R35-L55 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # V23839-R35-L55
Description  iSFF - Intelligent Small Form Factor 1.25 Gigabit Ethernet 4.25/2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC??Connector
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23839-R35-L55 Datasheet(HTML) 3 Page - Infineon Technologies AG

  V23839-R35-L55 Datasheet HTML 1Page - Infineon Technologies AG V23839-R35-L55 Datasheet HTML 2Page - Infineon Technologies AG V23839-R35-L55 Datasheet HTML 3Page - Infineon Technologies AG V23839-R35-L55 Datasheet HTML 4Page - Infineon Technologies AG V23839-R35-L55 Datasheet HTML 5Page - Infineon Technologies AG V23839-R35-L55 Datasheet HTML 6Page - Infineon Technologies AG V23839-R35-L55 Datasheet HTML 7Page - Infineon Technologies AG V23839-R35-L55 Datasheet HTML 8Page - Infineon Technologies AG V23839-R35-L55 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
V23839-R3x-L55
Pin Configuration
Preliminary Product Information
3
2004-06-25
Pin Description
Pin No.
Name
Logic Level
Function
1
V
EER
N/A
Receiver Ground
2
V
CCR
N/A
Receiver Power
3
SD
LVTTL
Signal Detect
1) 5)
4
RD–
LVPECL
Inv. Received Data Out
2)
5
RD+
LVPECL
Received Data Out
2)
6
V
CCT
N/A
Transmitter Power
7
V
EET
N/A
Transmitter Ground
8
TxDis
LVTTL
Transmitter Disable
3)
9
TD+
LVPECL
Transmit Data In
4)
10
TD–
LVPECL
Inv. Transmit Data In
4)
A
SDA
LVTTL
2-wire Data Interface
5)
B
SCL
LVTTL
2-wire Clock Interface
5)
C
Rate Select
6)
LVTTL
1 & 2 or 2 & 4 Gbit/s
7)
D
Tx Fault
LVTTL
Transmitter Fault
5)
MS
MS
N/A
Mounting Studs
8)
HL
HL
N/A
Housing Leads
9)
1)
Normal operation: Logic 1 output, represents that light is present at receiver input.
Fault condition: Logic 0 output.
2)
AC coupled inside transceiver. Must be terminated with 100
Ω differential at the user SERDES.
3)
A logic 0 switches the transmitter on. A logic 1 switches the transmitter off.
4)
AC coupled and 100
Ω differential termination inside the transceiver.
5)
Should be pulled up on host board to
V
CC by 4.7 - 10 kΩ.
6)
Not implemented.
7)
In accordance to SFF Committee SFF-8079 Draft.
8)
Mounting Studs are provided for transceiver mechanical attachment to the circuit board. They also provide an
optional connection of the transceiver to the equipment chassis ground.
9)
The transceiver Housing Leads are provided for additional signal grounding. The holes in the circuit board must
be included and be tied to signal ground (see EMI Recommendations).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com