Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V23839-R35-L55 Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # V23839-R35-L55
Description  iSFF - Intelligent Small Form Factor 1.25 Gigabit Ethernet 4.25/2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC??Connector
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23839-R35-L55 Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button V23839-R35-L55 Datasheet HTML 13Page - Infineon Technologies AG V23839-R35-L55 Datasheet HTML 14Page - Infineon Technologies AG V23839-R35-L55 Datasheet HTML 15Page - Infineon Technologies AG V23839-R35-L55 Datasheet HTML 16Page - Infineon Technologies AG V23839-R35-L55 Datasheet HTML 17Page - Infineon Technologies AG V23839-R35-L55 Datasheet HTML 18Page - Infineon Technologies AG V23839-R35-L55 Datasheet HTML 19Page - Infineon Technologies AG V23839-R35-L55 Datasheet HTML 20Page - Infineon Technologies AG V23839-R35-L55 Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
V23839-R3x-L55
Technical Data
Preliminary Product Information
17
2004-06-25
I/O Timing of Soft Control and Status Functions
Parameter
Symbol
Max.
Value
Unit
Condition
Tx Disable assert
time
t_off
100
ms
Time from Tx Disable bit set
1)
until optical output falls below
10% of nominal
Tx Disable deassert
time
t_on
100
ms
Time from Tx Disable bit
cleared until optical output
rises above 90% of nominal
Time to initialize,
including reset of
Tx Fault
t_init
300
ms
Time from power on or
negation of Tx Fault using
Tx Disable until transmitter
output is stable
2)
Tx Fault assert time
t_fault
100
ms
Time from fault to Tx Fault bit
set
SD assert time
t_SD_on
100
ms
Time from SD state to Rx SD
bit set
SD deassert time
t_SD_off
100
ms
Time from non-SD state to
Rx SD bit cleared
Rate select change
time
3)
t_rate_sel
100
ms
Time from change of state of
Rate Select bit
1) until receiver
bandwidth is in conformance
with appropriate specification
Serial ID clock rate
4)
f_serial_clock
400
kHz
N/A
Analog parameter
data ready
t_data
1000
ms
From power on to data ready,
bit 0 of byte 110 set
Serial bus hardware
ready
t_serial
300
ms
Time from power on until
module is ready for data
transmission
1)
Measured from falling clock edge after stop bit of write transaction.
2)
See Gigabit Interface Converter (GBIC). SFF-0053, Rev. 5.5, September 27, 2000.
3)
Not implemented.
4)
The maximum clock rate of the serial interface is defined by the I
2C bus interface standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com