Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V23839-R35-L55 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # V23839-R35-L55
Description  iSFF - Intelligent Small Form Factor 1.25 Gigabit Ethernet 4.25/2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC??Connector
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23839-R35-L55 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button V23839-R35-L55 Datasheet HTML 4Page - Infineon Technologies AG V23839-R35-L55 Datasheet HTML 5Page - Infineon Technologies AG V23839-R35-L55 Datasheet HTML 6Page - Infineon Technologies AG V23839-R35-L55 Datasheet HTML 7Page - Infineon Technologies AG V23839-R35-L55 Datasheet HTML 8Page - Infineon Technologies AG V23839-R35-L55 Datasheet HTML 9Page - Infineon Technologies AG V23839-R35-L55 Datasheet HTML 10Page - Infineon Technologies AG V23839-R35-L55 Datasheet HTML 11Page - Infineon Technologies AG V23839-R35-L55 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
V23839-R3x-L55
Description
Preliminary Product Information
8
2004-06-25
Digital Diagnostic Monitoring Parameters
Parameter
Accuracy SFF-8472
Accuracy Actual
Tx Optical Power
±3 dB
±3 dB
Rx Optical Power
±3 dB
±3 dB
Bias Current
±10%
±10%
Power Supply Voltage
±3%
±3%
Transceiver Temperature
±3°C
±3°C
Regulatory Compliance (EMI)
Feature
Standard
Comments
ESD:
Electrostatic Discharge
to the Electrical Pins
EIA/JESD22-A114-B
(MIL-STD 883D
method 3015.7)
Class 1C
Immunity:
Against Electrostatic
Discharge (ESD) to the
Duplex LC Receptacle
EN 61000-4-2
IEC 61000-4-2
Discharges ranging from
±2kV to
±15 kV on the receptacle cause no
damage to transceiver (under
recommended conditions).
Immunity:
Against Radio
Frequency
Electromagnetic Field
EN 61000-4-3
IEC 61000-4-3
With a field strength of 10 V/m,
noise frequency ranges from
10 MHz to 2 GHz. No effect on
transceiver performance between
the specification limits.
Emission:
Radiated Field Strength
FCC 47 CFR Part 15,
Class B
CISPR 22
EN 55022 Class B
Noise frequency range:
30 MHz to 18 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com