Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V23849-R35-C55 Datasheet(PDF) 32 Page - Infineon Technologies AG

Part # V23849-R35-C55
Description  iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 4.25/2.125/1.0625 Gbit/s Fibre Channel
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23849-R35-C55 Datasheet(HTML) 32 Page - Infineon Technologies AG

Back Button V23849-R35-C55 Datasheet HTML 26Page - Infineon Technologies AG V23849-R35-C55 Datasheet HTML 27Page - Infineon Technologies AG V23849-R35-C55 Datasheet HTML 28Page - Infineon Technologies AG V23849-R35-C55 Datasheet HTML 29Page - Infineon Technologies AG V23849-R35-C55 Datasheet HTML 30Page - Infineon Technologies AG V23849-R35-C55 Datasheet HTML 31Page - Infineon Technologies AG V23849-R35-C55 Datasheet HTML 32Page - Infineon Technologies AG V23849-R35-C55 Datasheet HTML 33Page - Infineon Technologies AG V23849-R35-C55 Datasheet HTML 34Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
V23849-R3x-C55
Application Notes
Preliminary Product Information
32
2004-06-28
Multimode 850 nm iSFP™ Transceiver, AC/AC TTL
Figure 7
Example iSFP™ Host Board Schematic and
Recommended Host Board Supply Filtering Network
PLD / PAL
1) Design criterion of the capacitor used is the resonant frequency and its value must be in the order of the nominal
data rate. Use of single layer capacitors recommended. Short trace lengths are mandatory.
2) Not implemented.
ASIC IC
Tx Disable
Protocol VCC
Protocol VCC
3.3 V
16
19
18
13
12
8
7
65
4
3
2
1/17/20
9/10/11/14
VCCT
15
VCCR
3.3 V
0.1 µF
0.1 µF
0.1 µF
0.1 µF
10 µF
MOD-DEF(0)
File: 1319
MOD-DEF(1)
MOD-DEF(2)
4.7 to
10 k
Ω
4.7 to
10 k
Ω
4.7 to
10 k
Ω
Pre-Amp./
Post Amp.
Diagnostic IC / EEPROM
Laser
Driver
1 µH
1 µH
Tx Fault
Protocol IC
LOS
Rate Select 2)
Rate Select 2)
Tx Disable
Tx Fault
TD–
TD+
RD+
RD–
VEET
VEER
LOS
Infineon
iSFP™
Transceiver
Host Board
0.1 µF
0.1 µF
10 µF
0.1 µF
xx 1)
xx 1)
100
Ω
4.7 to
10 k
Ω
4.7 to
10 k
Ω
4.7 to
10 k
Ω
100
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com