Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V23849-R35-C55 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # V23849-R35-C55
Description  iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 4.25/2.125/1.0625 Gbit/s Fibre Channel
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23849-R35-C55 Datasheet(HTML) 3 Page - Infineon Technologies AG

  V23849-R35-C55 Datasheet HTML 1Page - Infineon Technologies AG V23849-R35-C55 Datasheet HTML 2Page - Infineon Technologies AG V23849-R35-C55 Datasheet HTML 3Page - Infineon Technologies AG V23849-R35-C55 Datasheet HTML 4Page - Infineon Technologies AG V23849-R35-C55 Datasheet HTML 5Page - Infineon Technologies AG V23849-R35-C55 Datasheet HTML 6Page - Infineon Technologies AG V23849-R35-C55 Datasheet HTML 7Page - Infineon Technologies AG V23849-R35-C55 Datasheet HTML 8Page - Infineon Technologies AG V23849-R35-C55 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
V23849-R3x-C55
Pin Configuration
Preliminary Product Information
3
2004-06-28
Pin Description
Pin No.
Name
Logic Level
Function
1
V
EET
N/A
Transmitter Ground
1)
2
Tx Fault
LVTTL
Transmitter Fault Indication
2) 10)
3
Tx Disable
LVTTL
Transmitter Disable
3)
4
MOD-DEF(2)
LVTTL
Module Definition 2
4) 10)
5
MOD-DEF(1)
LVTTL
Module Definition 1
5) 10)
6
MOD-DEF(0)
N/A
Module Definition 0
6) 10)
7
Rate Select
7)
LVTTL
1 & 2 or 2 & 4 Gbit/s
8)
8
LOS
LVTTL
Loss Of Signal
9) 10)
9
V
EER
N/A
Receiver Ground
1)
10
V
EER
N/A
Receiver Ground
1)
11
V
EER
N/A
Receiver Ground
1)
12
RD–
LVPECL
Inv. Received Data Out
11)
13
RD+
LVPECL
Received Data Out
11)
14
V
EER
N/A
Receiver Ground
1)
15
V
CCR
N/A
Receiver Power
12)
16
V
CCT
N/A
Transmitter Power
12)
17
V
EET
N/A
Transmitter Ground
1)
18
TD+
LVPECL
Transmit Data In
13)
19
TD–
LVPECL
Inv. Transmit Data In
13)
20
V
EET
N/A
Transmitter Ground
1)
1)
Common transmitter and receiver ground within the module.
2)
A high signal indicates a laser fault of some kind and that laser is switched off.
3)
A low signal switches the transmitter on. A high signal or when not connected switches the transmitter off.
4)
MOD-DEF(2) is the data line of two wire serial interface for serial ID.
5)
MOD-DEF(1) is the clock line of two wire serial interface for serial ID.
6)
MOD-DEF(0) is grounded by the module to indicate that the module is present.
7)
Not implemented.
8)
In accordance to SFF Committee SFF-8079 Draft.
9)
A low signal indicates normal operation, light is present at receiver input. A high signal indicates the received
optical power is below the worst case receiver sensitivity.
10)
Should be pulled up on host board to
V
CC by 4.7 - 10 kΩ.
11)
AC coupled inside the transceiver. Must be terminated with 100
Ω differential at the user SERDES.
12)
Common transmitter and receiver
V
CC within the module.
13)
AC coupled and 100
Ω differential termination inside the transceiver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com