Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V23849-R35-C55 Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # V23849-R35-C55
Description  iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 4.25/2.125/1.0625 Gbit/s Fibre Channel
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23849-R35-C55 Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button V23849-R35-C55 Datasheet HTML 12Page - Infineon Technologies AG V23849-R35-C55 Datasheet HTML 13Page - Infineon Technologies AG V23849-R35-C55 Datasheet HTML 14Page - Infineon Technologies AG V23849-R35-C55 Datasheet HTML 15Page - Infineon Technologies AG V23849-R35-C55 Datasheet HTML 16Page - Infineon Technologies AG V23849-R35-C55 Datasheet HTML 17Page - Infineon Technologies AG V23849-R35-C55 Datasheet HTML 18Page - Infineon Technologies AG V23849-R35-C55 Datasheet HTML 19Page - Infineon Technologies AG V23849-R35-C55 Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
V23849-R3x-C55
Technical Data
Preliminary Product Information
16
2004-06-28
Timing of Control and Status I/O
Parameter
Symbol
Values
Unit
Condition
min.
max.
Tx Disable
Assert Time
t_off
10
µs
Time from rising edge of Tx
Disable to when the optical
output falls below 10% of
nominal
Tx Disable
Negate Time
t_on
1
ms
Time from falling edge of Tx
Disable to when the modulated
optical output rises above 90%
of nominal
Time to Initialize,
Including Reset
of Tx Fault
t_init
300
ms
From power on or negation of
Tx Fault using Tx Disable
Tx Fault Assert
Time
t_fault
100
µs
Time from fault to Tx Fault on
Tx Disable to
Reset
t_reset
10
µs
Time Tx Disable must be held
high to reset Tx Fault
LOS Assert Time t_loss_on
100
µs
Time from LOS state to Rx
LOS assert
LOS Deassert
Time
t_loss_off
100
µs
Time from non-LOS state to Rx
LOS deassert



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com