Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V23849-R35-C55 Datasheet(PDF) 27 Page - Infineon Technologies AG

Part # V23849-R35-C55
Description  iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 4.25/2.125/1.0625 Gbit/s Fibre Channel
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23849-R35-C55 Datasheet(HTML) 27 Page - Infineon Technologies AG

Back Button V23849-R35-C55 Datasheet HTML 23Page - Infineon Technologies AG V23849-R35-C55 Datasheet HTML 24Page - Infineon Technologies AG V23849-R35-C55 Datasheet HTML 25Page - Infineon Technologies AG V23849-R35-C55 Datasheet HTML 26Page - Infineon Technologies AG V23849-R35-C55 Datasheet HTML 27Page - Infineon Technologies AG V23849-R35-C55 Datasheet HTML 28Page - Infineon Technologies AG V23849-R35-C55 Datasheet HTML 29Page - Infineon Technologies AG V23849-R35-C55 Datasheet HTML 30Page - Infineon Technologies AG V23849-R35-C55 Datasheet HTML 31Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
V23849-R3x-C55
Application Notes
Preliminary Product Information
27
2004-06-28
Calibration Constants for External Calibration Option (2-Wire Address A2h)
Address
# Bytes
Name
Description
Value
56 - 59
4
Rx_PWR (4)
Single precision floating point
calibration data, Rx optical power.
0
60 - 63
4
Rx_PWR (3)
0
64 - 67
4
Rx_PWR (2)
0
68 - 71
4
Rx_PWR (1)
1
72 - 75
4
Rx_PWR (0)
0
76 - 77
2
Tx_I(Slope)
Fixed decimal (unsigned)
calibration data, laser bias current.
1
78 - 79
2
Tx_I (Offset)
Fixed decimal (signed two’s
complement) calibration data,
laser bias current.
0
80 - 81
2
Tx_PWR (Slope)
Fixed decimal (unsigned)
calibration data, transmitter
coupled output power.
1
82 - 83
2
Tx_PWR (Offset) Fixed decimal (signed two’s
complement) calibration data,
transmitter coupled output power.
0
84 - 85
2
T (Slope)
Fixed decimal (unsigned)
calibration data, internal module
temperature.
1
86 - 87
2
T (Offset)
Fixed decimal (signed two’s
complement) calibration data,
internal module temperature.
0
88 - 89
2
V (Slope)
Fixed decimal (unsigned)
calibration data, internal module
supply voltage.
1
90 - 91
2
V (Offset)
Fixed decimal (signed two’s
complement) calibration data,
internal module supply voltage.
0
92 - 94
3
Reserved
Reserved
95
1
Check sum
Byte 95 contains the low order
8 bits of the sum of bytes 0 - 94.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com