Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V23849-R35-C55 Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # V23849-R35-C55
Description  iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 4.25/2.125/1.0625 Gbit/s Fibre Channel
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23849-R35-C55 Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button V23849-R35-C55 Datasheet HTML 15Page - Infineon Technologies AG V23849-R35-C55 Datasheet HTML 16Page - Infineon Technologies AG V23849-R35-C55 Datasheet HTML 17Page - Infineon Technologies AG V23849-R35-C55 Datasheet HTML 18Page - Infineon Technologies AG V23849-R35-C55 Datasheet HTML 19Page - Infineon Technologies AG V23849-R35-C55 Datasheet HTML 20Page - Infineon Technologies AG V23849-R35-C55 Datasheet HTML 21Page - Infineon Technologies AG V23849-R35-C55 Datasheet HTML 22Page - Infineon Technologies AG V23849-R35-C55 Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
V23849-R3x-C55
Application Notes
Preliminary Product Information
19
2004-06-28
Application Notes
EMI Recommendations
To avoid electromagnetic radiation exceeding the required limits set by the standards,
please take note of the following recommendations.
When Gigabit switching components are found on a PCB (e.g. multiplexer,
serializer-deserializer, clock data recovery, etc.), any opening of the chassis may leak
radiation; this may also occur at chassis slots other than that of the device itself. Thus
every mechanical opening or aperture should be as small as feasible and its length
carefully considered.
On the board itself, every data connection should be an impedance matched line (e.g.
strip line or coplanar strip line). Data (D) and Data-not (Dn) should be routed
symmetrically. Vias should be avoided. Where internal termination inside an IC or a
transceiver is not present, a line terminating resistor must be provided. The decision of
how best to establish a ground depends on many boundary conditions. This decision
may turn out to be critical for achieving lowest EMI performance. At RF frequencies the
ground plane will always carry some amount of RF noise. Thus the ground and
V
CC
planes are often major radiators inside an enclosure. As a general rule, for small systems
such as PCI cards placed inside poorly shielded enclosures, the common ground
scheme has often proven to be most effective in reducing RF emissions. In a common
ground scheme, the PCI card becomes more equipotential with the chassis ground. As
a result, the overall radiation will decrease. In a common ground scheme, it is strongly
recommended to provide a proper contact between signal ground and chassis ground at
every location where possible. This concept is designed to avoid hotspots which are
places of highest radiation, caused when only a few connections between chassis and
signal grounds exist. Compensation currents would concentrate at these connections,
causing radiation. However, as signal ground may be the main cause for parasitic
radiation, connecting chassis ground and signal ground at the wrong place may result in
enhanced RF emissions.
For
example,
connecting
chassis
ground
and
signal
ground
at
a
front
panel/bezel/chassis by means of a fiber optic transceiver/cage may result in a large
amount of radiation especially where combined with an inadequate number of grounding
points between signal ground and chassis ground. Thus the transceiver becomes a
single contact point increasing radiation emissions. Even a capacitive coupling between
signal ground and chassis ground may be harmful if it is too close to an opening or an
aperture. For a number of systems, enforcing a strict separation of signal ground from
chassis ground may be advantageous, providing the housing does not present any slots
or other discontinuities. This separate ground concept seems to be more suitable in large
systems where appropriate shielding measures have also been implemented.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com