Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V23849-R36-C55 Datasheet(PDF) 31 Page - Infineon Technologies AG

Part # V23849-R36-C55
Description  iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 4.25/2.125/1.0625 Gbit/s Fibre Channel
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23849-R36-C55 Datasheet(HTML) 31 Page - Infineon Technologies AG

Back Button V23849-R36-C55 Datasheet HTML 26Page - Infineon Technologies AG V23849-R36-C55 Datasheet HTML 27Page - Infineon Technologies AG V23849-R36-C55 Datasheet HTML 28Page - Infineon Technologies AG V23849-R36-C55 Datasheet HTML 29Page - Infineon Technologies AG V23849-R36-C55 Datasheet HTML 30Page - Infineon Technologies AG V23849-R36-C55 Datasheet HTML 31Page - Infineon Technologies AG V23849-R36-C55 Datasheet HTML 32Page - Infineon Technologies AG V23849-R36-C55 Datasheet HTML 33Page - Infineon Technologies AG V23849-R36-C55 Datasheet HTML 34Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
V23849-R3x-C55
Application Notes
Preliminary Product Information
31
2004-06-28
116
4
V
CC Low Warning
Set when internal supply voltage is
below low warning level
116
3
Tx Bias High Warning
Set when Tx bias current exceeds
high warning level
116
2
Tx Bias Low Warning
Set when Tx bias current is below
low warning level
116
1
Tx Power High Warning
Set when Tx output power exceeds
high warning level
116
0
Tx Power Low Warning
Set when Tx output power is below
low warning level
117
7
Rx Power High Warning
Set when received power exceeds
high warning level
117
6
Rx Power Low Warning
Set when received power is below
low warning level
117
5
Reserved Warning
117
4
Reserved Warning
117
3
Reserved Warning
117
2
Reserved Warning
117
1
Reserved Warning
117
0
Reserved Warning
118
All
Reserved
119
All
Reserved
Vendor Specific Memory Addresses (2-Wire Address A2h)
Address
# Bytes
Name
Description
120 -127
8
Vendor Specific
Vendor specific
User EEPROM (2-Wire Address A2h)
Address
# Bytes
Name
Description
128 - 247 120
User EEPROM
User writable EEPROM
248 - 255 8
Vendor Specific
Vendor specific control functions
Alarm and Warning Flags (2-Wire Address A2h) (cont’d)
Byte
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com