Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V23849-R36-C55 Datasheet(PDF) 28 Page - Infineon Technologies AG

Part # V23849-R36-C55
Description  iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 4.25/2.125/1.0625 Gbit/s Fibre Channel
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23849-R36-C55 Datasheet(HTML) 28 Page - Infineon Technologies AG

Back Button V23849-R36-C55 Datasheet HTML 24Page - Infineon Technologies AG V23849-R36-C55 Datasheet HTML 25Page - Infineon Technologies AG V23849-R36-C55 Datasheet HTML 26Page - Infineon Technologies AG V23849-R36-C55 Datasheet HTML 27Page - Infineon Technologies AG V23849-R36-C55 Datasheet HTML 28Page - Infineon Technologies AG V23849-R36-C55 Datasheet HTML 29Page - Infineon Technologies AG V23849-R36-C55 Datasheet HTML 30Page - Infineon Technologies AG V23849-R36-C55 Datasheet HTML 31Page - Infineon Technologies AG V23849-R36-C55 Datasheet HTML 32Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
V23849-R3x-C55
Application Notes
Preliminary Product Information
28
2004-06-28
A/D Values and Status Bits (2-Wire Address A2h)
Byte
Bit
Name
Description
Converted Analog Values. Calibrated 16 Bit Data.
96
All
Temperature MSB
Internally measured module
temperature
1)
97
All
Temperature LSB
98
All
V
CC MSB
Internally measured supply voltage
in transceiver
99
All
V
CC LSB
100
All
Tx Bias MSB
Internally measured Tx Bias Current
101
All
Tx Bias LSB
102
All
Tx Power MSB
Measured Tx output power
103
All
Tx Power LSB
104
All
Rx Power MSB
Measured Rx input power
105
All
Rx Power LSB
106
All
Reserved MSB
Reserved for 1st future definition of
digitized analog input
107
All
Reserved LSB
Reserved for 1st future definition of
digitized analog input
108
All
Reserved MSB
Reserved for 2nd future definition of
digitized analog input
109
All
Reserved LSB
Reserved for 2nd future definition of
digitized analog input
Optional Status/Control Bits
110
7
Tx Disable State
2)
Digital state of the Tx Disable Input
Pin
110
6
Soft Tx Disable
2)
Read/write bit that allows software
disable of laser. Writing 1 disables
laser
110
5
Reserved
110
4
Rx Rate Select State
2)
Digital state of the SFP Rx Rate
Select Input Pin
110
3
Soft Rx Rate Select
2)
Read/write bit that allows software
Rx rate select. Writing 1 selects full
bandwidth operation
3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com