Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V23849-R36-C55 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # V23849-R36-C55
Description  iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 4.25/2.125/1.0625 Gbit/s Fibre Channel
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23849-R36-C55 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button V23849-R36-C55 Datasheet HTML 7Page - Infineon Technologies AG V23849-R36-C55 Datasheet HTML 8Page - Infineon Technologies AG V23849-R36-C55 Datasheet HTML 9Page - Infineon Technologies AG V23849-R36-C55 Datasheet HTML 10Page - Infineon Technologies AG V23849-R36-C55 Datasheet HTML 11Page - Infineon Technologies AG V23849-R36-C55 Datasheet HTML 12Page - Infineon Technologies AG V23849-R36-C55 Datasheet HTML 13Page - Infineon Technologies AG V23849-R36-C55 Datasheet HTML 14Page - Infineon Technologies AG V23849-R36-C55 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
V23849-R3x-C55
Technical Data
Preliminary Product Information
11
2004-06-28
Electrical Characteristics (
V
CC = 2.97 V to 3.63 V, TC = –20°C to 85°C)
Parameter
Symbol
Values
Unit
min.
typ.
max.
Common
Supply Voltage
V
CC–VEE
2.97
3.3
3.63
V
In-rush Current
1)
I
IR max
30
mA
Power Dissipation
P
400
900
mW
Transmitter
Differential Data Input Voltage
Swing
2)
V
IDpk-pk
500
3200
mV
Tx Disable Voltage
Tx
Dis
2
V
CC
V
Tx Enable Voltage
Tx
En
V
EE
0.8
V
Tx Fault High Voltage
Tx
FH
2.4
V
CC
V
Tx Fault Low Voltage
Tx
FL
V
EE
0.5
V
Supply Current
3)
I
Tx
100
150
mA
Receiver
Differential Data Output Voltage
Swing
4)
V
ODpk-pk
500
1000
mV
LOS Active
LOS
A
2.4
V
CC
V
LOS Normal
LOS
N
V
EE
0.5
V
Rate Select 1 / 2 Gbit/s
5) 6)
RS
LOW
2
V
CC
V
Rate Select 2 / 4 Gbit/s
5) 6)
RS
HIGH
V
EE
0.8
V
Contributed Deterministic Jitter
DJ-C
Rx
23.5
ps
Contributed Total Jitter
TJ-C
Rx
61.8
ps
Jitter (pk-pk)
7)
J
Rx
45
ps
Power Supply Noise Rejection
8)
PSNR
100
mV
pp
Supply Current
3) 9)
I
Rx
80
90
mA
1)
Measured with MSA recommended supply filter network (Figure 7). Maximum value above that of the steady
state value.
2)
Internally AC coupled. Typical 100
Ω differential input impedance.
3)
MSA defines maximum current at 300 mA.
4)
Internally AC coupled. Load 50
Ω to GND or 100 Ω differential. For dynamic measurement a tolerance of
50 mV should be added.
5)
In accordance to SFF Committee SFF-8079 Draft.
6)
Not implemented.
7)
Jitter (pk-pk) is measured using a 2
7–1 NRZ PRBS and a Digital Communications Analyzer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com