Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V23849-R36-C55 Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # V23849-R36-C55
Description  iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 4.25/2.125/1.0625 Gbit/s Fibre Channel
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23849-R36-C55 Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button V23849-R36-C55 Datasheet HTML 10Page - Infineon Technologies AG V23849-R36-C55 Datasheet HTML 11Page - Infineon Technologies AG V23849-R36-C55 Datasheet HTML 12Page - Infineon Technologies AG V23849-R36-C55 Datasheet HTML 13Page - Infineon Technologies AG V23849-R36-C55 Datasheet HTML 14Page - Infineon Technologies AG V23849-R36-C55 Datasheet HTML 15Page - Infineon Technologies AG V23849-R36-C55 Datasheet HTML 16Page - Infineon Technologies AG V23849-R36-C55 Datasheet HTML 17Page - Infineon Technologies AG V23849-R36-C55 Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
V23849-R3x-C55
Technical Data
Preliminary Product Information
14
2004-06-28
Stressed Receiver Sensitivity
62.5 µm Fiber
9)
@ 4.25 Gbit/s
@ 2.125 Gbit/s
@ 1.0625 Gbit/s
@ 1.25 Gbit/s
10)
S
PIN
62.5 µm
148
109
67
–12.5
µW
µW
µW
dBm
LOS Assert Level
11)
P
LOSA
–30
dBm
LOS Deassert Level
11)
P
LOSD
–23
dBm
LOS Hysteresis
11)
P
LOSA
–
P
LOSD
1dB
Input Center Wavelength
λ
C
770
850
860
nm
Optical Return Loss
ORL
12
dB
1)
Fibre Channel PI Standard. Typical OMA values based on –6 dBm launched power (average) and 15 dB
extinction ratio.
2)
Into multimode fiber, 62.5 µm or 50 µm diameter.
3)
For GbE applications only.
4)
Jitter (pk-pk) is measured using a 2
7–1 NRZ PRBS and a Digital Communications Analyzer.
5)
Measured at nominal data rate. These are unfiltered 20% - 80% values.
6)
Receiver characteristics are measured with a worst case reference laser.
7)
Fibre Channel PI Standard.
8)
Average optical power at which the BER is 1x10
–12. Measured with a 27–1 NRZ PRBS and ER = 9 dB.
9)
Measured at the given Stressed Receiver Eye Closure Penalty and DCD component given in Fibre Channel
PI Standard (2.03/2.18 dB & 40/80 ps).
10)
Measured with a transmit signal having a 9 dB extinction ratio.
11)
See Figure 3.
Optical Characteristics (
V
CC = 2.97 V to 3.63 V, TC = –20°C to 85°C) (cont’d)
Parameter
Symbol
Values
Unit
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com