Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V23849-R36-C55 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # V23849-R36-C55
Description  iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 4.25/2.125/1.0625 Gbit/s Fibre Channel
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23849-R36-C55 Datasheet(HTML) 1 Page - Infineon Technologies AG

  V23849-R36-C55 Datasheet HTML 1Page - Infineon Technologies AG V23849-R36-C55 Datasheet HTML 2Page - Infineon Technologies AG V23849-R36-C55 Datasheet HTML 3Page - Infineon Technologies AG V23849-R36-C55 Datasheet HTML 4Page - Infineon Technologies AG V23849-R36-C55 Datasheet HTML 5Page - Infineon Technologies AG V23849-R36-C55 Datasheet HTML 6Page - Infineon Technologies AG V23849-R36-C55 Datasheet HTML 7Page - Infineon Technologies AG V23849-R36-C55 Datasheet HTML 8Page - Infineon Technologies AG V23849-R36-C55 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Preliminary Product Information
1
2004-06-28
iSFP™ - Intelligent Small Form-factor Pluggable
1.25 Gigabit Ethernet (1000 Base-SX)
4.25/2.125/1.0625 Gbit/s Fibre Channel (400/200/100-M5/M6-SN-I)
Multimode 850 nm Transceiver with LC™ Connector
Preliminary Data Sheet
File: 1130
File: 1131
Fiber Optics
For ordering information see next page.
iSFP™ is a trademark of Infineon Technologies. LC™ is a trademark of Lucent.
V23849-R3x-C55
Features
• Small Form-factor Pluggable (SFP) MSA compatible
transceiver
1)
• Fully SFF-8472 compatible
• Incorporating Intelligent – Digital Diagnostic
Monitoring Interface
• Internal calibration implementation
• Advanced release mechanism
• Easy access, even in belly to belly applications
• Wire handle release for simplicity
• Color coded black tab (multimode)
• PCI height compatible
• Excellent EMI performance
• Separate and common chassis/signal ground
module concepts available
• RJ-45 style LC™ connector system
• Single power supply (3.3 V)
• Extremely low power consumption of 530 mW typical
• Small size for high channel density
• UL-94 V-0 certified
• ESD Class 1C per JESD22-A114-B (MIL-STD 883D Method 3015.7)
• According to FCC (Class B) and EN 55022
• For distances of up to 860 m (50 µm fiber)
• Laser safety according to Class 1 FDA and IEC
• AC/AC Coupling according to MSA
• Extended operating temperature range of –20°C to 85°C
• SFP evaluation kit V23848-S5-V4 available upon request
• A press fit cage and cage plugs are available as accessory products from Infineon
(see SFP Accessories)
1)
MSA documentation can be found at www.infineon.com/fiberoptics under Transceivers, SFP Transceivers.


Similar Part No. - V23849-R36-C55

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23848-C18-C56 INFINEON-V23848-C18-C56 Datasheet
752Kb / 30P
iSFP-Intelligent Small Form-factor Pluggable SONET OC-3 IR-1 / SDH STM S-1.1 Multirate Applications up to 155 Mbit/s
2004-06-25
V23848-C19-C56 INFINEON-V23848-C19-C56 Datasheet
752Kb / 30P
iSFP-Intelligent Small Form-factor Pluggable SONET OC-3 IR-1 / SDH STM S-1.1 Multirate Applications up to 155 Mbit/s
2004-06-25
V23848-H18-C56 INFINEON-V23848-H18-C56 Datasheet
752Kb / 30P
iSFP-Intelligent Small Form-factor Pluggable SONET OC-12/OC-3 IR-1 / SDH STM S-4.1/S-1.1 Multirate Applications up to 622 Mbit/s
2004-06-25
V23848-H19-C56 INFINEON-V23848-H19-C56 Datasheet
752Kb / 30P
iSFP-Intelligent Small Form-factor Pluggable SONET OC-12/OC-3 IR-1 / SDH STM S-4.1/S-1.1 Multirate Applications up to 622 Mbit/s
2004-06-25
V23848-M15-C56 INFINEON-V23848-M15-C56 Datasheet
712Kb / 29P
iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Single Mode 1310 nm Transceiver with LC Connector
2004-06-23
More results

Similar Description - V23849-R36-C55

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23818-K15-B57 INFINEON-V23818-K15-B57 Datasheet
596Kb / 18P
SFP - Small Form-factor Pluggable Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC??Connector
2003-04-25
V23818-K305-B57 INFINEON-V23818-K305-B57 Datasheet
1Mb / 19P
SFP - Small Form-factor Pluggable Multimode 850 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC??Connector
2003-04-25
V23818-M305-B57 INFINEON-V23818-M305-B57 Datasheet
1Mb / 19P
SFP - Small Form-factor Pluggable Multimode 850 nm 2.125 and 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC??Connector
2003-04-25
V23838-M305-M56 INFINEON-V23838-M305-M56 Datasheet
619Kb / 21P
SFP-Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC??Connector
2004-06-23
V23839-R35-L55 INFINEON-V23839-R35-L55 Datasheet
636Kb / 34P
iSFF - Intelligent Small Form Factor 1.25 Gigabit Ethernet 4.25/2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC??Connector
2004-06-25
V23848-M15-C56 INFINEON-V23848-M15-C56 Datasheet
712Kb / 29P
iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Single Mode 1310 nm Transceiver with LC Connector
2004-06-23
V23848-M15-C656 INFINEON-V23848-M15-C656 Datasheet
715Kb / 29P
iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Single Mode 1310 nm Transceiver with LC Connector
2004-06-28
V23848-M15-C756 INFINEON-V23848-M15-C756 Datasheet
714Kb / 29P
iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Single Mode 1310 nm Transceiver with LC Connector
2004-06-28
V23848-M305-C56 INFINEON-V23848-M305-C56 Datasheet
739Kb / 30P
iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC Connector
2004-06-23
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5701L AVAGO-HFBR-5701L Datasheet
231Kb / 15P
Small Form Factor Pluggable Optical Transceiver for Gigabit Ethernet (1.25 GBd) and Fibre Channel (1.0625 GBd)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com