Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL1676 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AL1676
Description  UNIVERSAL HIGH POWER FACTOR BUCK LED DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1676 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AL1676 Datasheet HTML 5Page - Diodes Incorporated AL1676 Datasheet HTML 6Page - Diodes Incorporated AL1676 Datasheet HTML 7Page - Diodes Incorporated AL1676 Datasheet HTML 8Page - Diodes Incorporated AL1676 Datasheet HTML 9Page - Diodes Incorporated AL1676 Datasheet HTML 10Page - Diodes Incorporated AL1676 Datasheet HTML 11Page - Diodes Incorporated AL1676 Datasheet HTML 12Page - Diodes Incorporated AL1676 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
AL1676
Document number: DS38290 Rev. 1 - 2
9 of 15
www.diodes.com
February 2016
© Diodes Incorporated
AL1676
Functional Description and Application Information (Cont.)
The detection circuit is activated after the LEB time. When the detection circuit sense the CS voltage is higher than 1V, the IC will turn off the
switch to limit the output current. It automatically provides protection for the maximum LED current during operation. A propagation delay exists
between over current detection and actual source-switch off, so the actual peak current is a little higher than the OCP level set by the R5.
Over-Voltage Protection and Output-Open Protection (OVP)
The AL1676 has output open voltage protection when the LED is open, which can prevent the output voltage from increasing to a very high value.
This feature can help the system designer to select a smaller volume capacitor. The output voltage is set by the external resistor R3 shown in
Figure 1.
When LED is open, the tOFF_OVP time can be calculated as:
_
1
R5
CS
OFF OVP
OVP
LV
t
V
…………… (2)
Where,
VOVP is the output open voltage.
VCS is the voltage on the CS pin when OVP happens.
The output voltage is set by R3, and R3 is calculated as:
5
20
1
20
3
_
_
_
R
V
C
L
V
V
C
t
V
R
OVP
REF
REF
ROVP
CS
REF
OVP
OFF
REF
ROVP
…………… (3)
Where, VROVP_REF is the internal ROVP pin 0.5V’s reference, CREF is the internal 6pF capacitor.
Output-Short Protection (OSP)
When LED is shorted, the device cannot detect the tOFF time, and the device controls the system operating at 5kHz low switching frequency.
Thermal Foldback Protection (TFP)
The AL1676 has a thermal foldback function and adopts self-adaptive control method, which can prevent the system from breaking down caused
by high temperature. The overheating temperature is set at +150°C typical, when the junction temperature of the IC is higher than +150°C typical,
the device will linearly decrease the internal reference voltage to decrease the output current. As a result of this feature, the device can control the
system
’s output power at high ambient temperature, to control the quantity of heat of the system. This enhances the safety of the system at high
temperature.
The thermal foldback waveform is shown below:
Figure 2. Thermal Foldback Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com